Electronic Components Datasheet Search
  English  ▼

X  

TSML1040 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TSML1040
Description  High Power Infrared Emitting Diode, 950 nm, GaAlAs/GaAs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSML1040 Datasheet(HTML) 1 Page - Vishay Siliconix

  TSML1040 Datasheet HTML 1Page - Vishay Siliconix TSML1040 Datasheet HTML 2Page - Vishay Siliconix TSML1040 Datasheet HTML 3Page - Vishay Siliconix TSML1040 Datasheet HTML 4Page - Vishay Siliconix TSML1040 Datasheet HTML 5Page - Vishay Siliconix TSML1040 Datasheet HTML 6Page - Vishay Siliconix TSML1040 Datasheet HTML 7Page - Vishay Siliconix TSML1040 Datasheet HTML 8Page - Vishay Siliconix TSML1040 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TSML1000 / 1020 / 1030 / 1040
Document Number 81033
Rev. 1.8, 08-Mar-05
Vishay Semiconductors
www.vishay.com
1
16852
TSML1000
TSML1030
TSML1040
TSML1020
High Power Infrared Emitting Diode, 950 nm, GaAlAs/GaAs
Description
TSML1000 series are high efficiency infrared emitting
diodes in GaAlAs on GaAs technology molded in
clear SMD package.
This technology represents best performance for radi-
ant power under pulse conditions, forward voltage
and reliability.
Features
• Outstanding high radiant power
• Low forward voltage
• Suitable for high pulse current operation
• Angle of half intensity
ϕ = ± 12°
• Peak wavelength
λ
p = 950 nm
• High reliability
• Matched Phototransistor series: TEMT1000
• Versatile terminal configurations
• Lead-free component
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
Applications
For remote control
Photointerrupters
Punched tape readers
Encoder
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Basic Characteristics
Tamb = 25 °C, unless otherwise specified
Tamb = 25 °C, unless otherwise specified
Parameter
Test condition
Symbol
Value
Unit
Reverse Voltage
VR
5V
Forward current
IF
100
mA
Peak Forward Current
tp/T = 0.5, tp = 100 µsIFM
200
mA
Surge Forward Current
tp = 100 µsIFSM
1.0
A
Power Dissipation
PV
190
mW
Junction Temperature
Tj
100
°C
Operating Temperature Range
Tamb
- 40 to + 85
°C
Storage Temperature Range
Tstg
- 40 to + 100
°C
Soldering Temperature
t
≤ 5 sec
Tsd
<260
°C
Thermal Resistance Junction/
Ambient
RthJA
400
°C
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward Voltage
IF = 20 mA, tp = 20 ms
VF
1.2
1.5
V
IF = 1 A, tp = 100 µsVF
2.6
V
Temp. Coefficient of VF
IF = 1 mA
TKVF
- 1.85
mV/K


Similar Part No. - TSML1040

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSML1040 VISHAY-TSML1040 Datasheet
241Kb / 9P
High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
04-Sep-08
TSML1040 VISHAY-TSML1040 Datasheet
199Kb / 9P
High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
30-Jun-11
TSML1040 VISHAY-TSML1040 Datasheet
365Kb / 9P
Extented Power IR Emitting Diode in SMD Package
21-May-03
TSML1040 VISHAY-TSML1040 Datasheet
198Kb / 9P
High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
13-Mar-14
TSML1040 VISHAY-TSML1040 Datasheet
196Kb / 9P
High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
13-Mar-14
More results

Similar Description - TSML1040

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSAL5100 VISHAY-TSAL5100 Datasheet
141Kb / 6P
High Power Infrared Emitting Diode, 950 nm, GaAlAs/GaAs
08-Mar-05
TSAL5300 VISHAY-TSAL5300 Datasheet
291Kb / 8P
High Power Infrared Emitting Diode, 950 nm, GaAlAs/GaAs
08-Mar-05
TSUS5200 VISHAY-TSUS5200_09 Datasheet
112Kb / 5P
Infrared Emitting Diode, 950 nm, GaAs
29-Jun-09
TSML3710-GS08 VISHAY-TSML3710-GS08 Datasheet
135Kb / 8P
High Power Infrared Emitting Diode, 950 nm, GaAlAs/GaAs
21-Feb-07
TSUS6202 VISHAY-TSUS6202 Datasheet
109Kb / 5P
Infrared Emitting Diode, 950 nm, GaAs
29-Sep-15
TSUS5200 VISHAY-TSUS5200_11 Datasheet
109Kb / 5P
Infrared Emitting Diode, 950 nm, GaAs
24-Aug-11
TSUS4300 VISHAY-TSUS4300_15 Datasheet
110Kb / 5P
Infrared Emitting Diode, 950 nm, GaAs
20-Oct-15
TSKS5400 VISHAY-TSKS5400_13 Datasheet
144Kb / 5P
Infrared Emitting Diode, 950 nm, GaAs
03-Sep-13
CQY37N VISHAY-CQY37N_V01 Datasheet
281Kb / 5P
Infrared Emitting Diode, 950 nm, GaAs
08-Mar-11
TSUS4400 VISHAY-TSUS4400_V01 Datasheet
113Kb / 5P
Infrared Emitting Diode, 950 nm, GaAs
19-Jan-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com