Electronic Components Datasheet Search
  English  ▼

X  

TSML1040 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TSML1040
Description  High Power Infrared Emitting Diode, 950 nm, GaAlAs/GaAs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSML1040 Datasheet(HTML) 3 Page - Vishay Siliconix

  TSML1040 Datasheet HTML 1Page - Vishay Siliconix TSML1040 Datasheet HTML 2Page - Vishay Siliconix TSML1040 Datasheet HTML 3Page - Vishay Siliconix TSML1040 Datasheet HTML 4Page - Vishay Siliconix TSML1040 Datasheet HTML 5Page - Vishay Siliconix TSML1040 Datasheet HTML 6Page - Vishay Siliconix TSML1040 Datasheet HTML 7Page - Vishay Siliconix TSML1040 Datasheet HTML 8Page - Vishay Siliconix TSML1040 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
VISHAY
TSML1000 / 1020 / 1030 / 1040
Document Number 81033
Rev. 1.8, 08-Mar-05
Vishay Semiconductors
www.vishay.com
3
Figure 5. Relative Forward Voltage vs. Ambient Temperature
Figure 6. Radiant Intensity vs. Forward Current
Figure 7. Radiant Power vs. Forward Current
0.7
0.8
0.9
1.0
1.1
1.2
94 7990
IF =10mA
Tamb - Ambient Temperature (
°C)
100
80
60
40
20
0
16189
10 3
10 1
10 2
10 4
10 0
0.1
1
10
1000
100
IF - Forward Current ( mA )
IF - Forward Current ( mA )
13602
10 3
10 1
10 2
10 4
10 0
0.1
1
10
1000
100
Figure 8. Rel. Radiant Intensity/Power vs. Ambient Temperature
Figure 9. Relative Radiant Power vs. Wavelength
Figure 10. Relative Radiant Intensity vs. Angular Displacement
-10
10
50
0
100
0
0.4
0.8
1.2
1.6
140
94 7993
IF =20mA
Tamb - Ambient Temperature (
°C)
900
950
0
0.25
0.5
0.75
1.0
1.25
- Wavelength ( nm )
1000
94 7994
IF = 100 mA
λ
0.4
0.2
0
0.2
0.4
0.6
18234
0.6
0.9
0.8
0
°
°
°
30
°
10
20
40
°
50
°
60
°
70
°
80
°
0.7
1.0



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com