Electronic Components Datasheet Search
  English  ▼

X  

PESDXUSB30_SER Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # PESDXUSB30_SER
Description  ESD protection for differential data lines
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PESDXUSB30_SER Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  PESDXUSB30_SER Datasheet HTML 1Page - Nexperia B.V. All rights reserved PESDXUSB30_SER Datasheet HTML 2Page - Nexperia B.V. All rights reserved PESDXUSB30_SER Datasheet HTML 3Page - Nexperia B.V. All rights reserved PESDXUSB30_SER Datasheet HTML 4Page - Nexperia B.V. All rights reserved PESDXUSB30_SER Datasheet HTML 5Page - Nexperia B.V. All rights reserved PESDXUSB30_SER Datasheet HTML 6Page - Nexperia B.V. All rights reserved PESDXUSB30_SER Datasheet HTML 7Page - Nexperia B.V. All rights reserved PESDXUSB30_SER Datasheet HTML 8Page - Nexperia B.V. All rights reserved PESDXUSB30_SER Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
PESDXUSB30_SER
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2016. All rights reserved.
Product data sheet
Rev. 2 — 26 April 2016
4 of 19
Nexperia
PESDxUSB30 series
ESD protection for differential data lines
6.
Characteristics
6.1 Channel characteristics
[1]
This parameter is guaranteed by design.
[2]
100 ns Transmission Line Pulse (TLP); 50
; pulser at 70 to 90 ns.
[3]
According to IEC 61000-4-5 (8/20
s).
6.2 Frequency characteristics
[1]
Normalized to attenuation at 1 MHz.
Table 6.
Channel characteristics
Tamb =25 C unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Cd
diode capacitance
f = 1 MHz; VI = 2.5 V
[1] -0.45
-pF
IRM
reverse leakage current
per line; VI = 5 V
-
1
100
nA
VBR
breakdown voltage
IR = 1 mA
69-
V
VF
forward voltage
IF =10mA
-
0.8
-
V
Rdyn
dynamic resistance
TLP
[2]
positive transient
-
0.16
-
negative transient
-
0.16
-
surge
[3]
positive transient
-
0.25
-
negative transient
-
0.25
-
Table 7.
Frequency characteristics
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Differential mode: S21dd
f3dB
cut-off frequency
[1] -17
-GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com