Electronic Components Datasheet Search
  English  ▼

X  

PESDXUSB30_SER Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # PESDXUSB30_SER
Description  ESD protection for differential data lines
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PESDXUSB30_SER Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  PESDXUSB30_SER Datasheet HTML 1Page - Nexperia B.V. All rights reserved PESDXUSB30_SER Datasheet HTML 2Page - Nexperia B.V. All rights reserved PESDXUSB30_SER Datasheet HTML 3Page - Nexperia B.V. All rights reserved PESDXUSB30_SER Datasheet HTML 4Page - Nexperia B.V. All rights reserved PESDXUSB30_SER Datasheet HTML 5Page - Nexperia B.V. All rights reserved PESDXUSB30_SER Datasheet HTML 6Page - Nexperia B.V. All rights reserved PESDXUSB30_SER Datasheet HTML 7Page - Nexperia B.V. All rights reserved PESDXUSB30_SER Datasheet HTML 8Page - Nexperia B.V. All rights reserved PESDXUSB30_SER Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1.
Product profile
1.1 General description
The devices are ElectroStatic Discharge (ESD) protection for one, two and three
differential channels.
It is footprint compatible to PCMFxUSB30 common mode filters with ESD protection.
The diodes provide protection to downstream components from ESD voltages up to
15 kV on each signal line.
1.2 Features and benefits
1.3 Applications
PESDxUSB30 series
ESD protection for differential data lines
Rev. 2 — 26 April 2016
Product data sheet
Table 1.
Product overview
Type number
Number of channels Package Name
PESD1USB30
1
WLCSP5
PESD2USB30
2
WLCSP10
PESD3USB30
3
WLCSP15
 Allows switching between
PCMFxUSB30 common mode filters
with ESD protection and PESDxUSB30
ESD protection in the same footprint
 ESD protection for one, two and three
differential channels up to
15 kV
contact discharge according to
IEC 61000-4-2
 TREOS protection process for very high
system-level ESD robustness: superior
protection of sensitive Systems on Chips
(SoCs)
 Industry-standard WLCSP5, 10 and 15
packages for smallest footprint
 Smartphone, cellular and cordless
phone
 Tablet PC and Mobile Internet
Device (MID)
 USB3.1, USB2.0, HDMI2.0, HDMI1.4
 MIPI D-PHY as used in Camera Serial
Interface (CSI) and Display Serial
Interface (DSI)
 General-purpose downstream ESD
protection for differential data lines


Similar Part No. - PESDXUSB30_SER

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESDXUSB30 NEXPERIA-PESDXUSB30 Datasheet
3Mb / 19P
ESD protection for differential data lines
More results

Similar Description - PESDXUSB30_SER

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUP4105MU ONSEMI-NUP4105MU Datasheet
125Kb / 3P
Low Capacitance ESD Protection Array for High Speed Data Lines Protection
April, 2009 ??Rev. 1
ESD1014 ONSEMI-ESD1014 Datasheet
97Kb / 3P
Low Capacitance ESD Protection Array for High Speed Data Lines Protection
March, 2011 ??Rev. 0
logo
NXP Semiconductors
PESD1USB3SZ NXP-PESD1USB3SZ Datasheet
1Mb / 19P
ESD protection for differential data lines
Rev. 3-26 April 2016
PESD2USB3SZ NXP-PESD2USB3SZ Datasheet
1Mb / 19P
ESD protection for differential data lines
Rev. 3-26 April 2016
PESD3USB3SZ NXP-PESD3USB3SZ Datasheet
1Mb / 19P
ESD protection for differential data lines
Rev. 3-26 April 2016
logo
Nexperia B.V. All right...
PESDXUSB30 NEXPERIA-PESDXUSB30 Datasheet
3Mb / 19P
ESD protection for differential data lines
PESDXUSB3S NEXPERIA-PESDXUSB3S Datasheet
1,002Kb / 16P
ESD protection for differential data lines
PESD48VV2BT NEXPERIA-PESD48VV2BT Datasheet
212Kb / 11P
ESD protection for 48V lines
2 May 2022
PESDXUSB3B_SER NEXPERIA-PESDXUSB3B_SER Datasheet
1Mb / 18P
ESD protection for differential data lines
Rev. 2 - 29 January
PESDXUSB3S_SER NEXPERIA-PESDXUSB3S_SER Datasheet
1,001Kb / 16P
ESD protection for differential data lines
Rev. 4 - 30 January 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com