Electronic Components Datasheet Search
  English  ▼

X  

BUJ105AX Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BUJ105AX
Description  Silicon Diffused Power Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUJ105AX Datasheet(HTML) 5 Page - NXP Semiconductors

  BUJ105AX Datasheet HTML 1Page - NXP Semiconductors BUJ105AX Datasheet HTML 2Page - NXP Semiconductors BUJ105AX Datasheet HTML 3Page - NXP Semiconductors BUJ105AX Datasheet HTML 4Page - NXP Semiconductors BUJ105AX Datasheet HTML 5Page - NXP Semiconductors BUJ105AX Datasheet HTML 6Page - NXP Semiconductors BUJ105AX Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BUJ105AX
Fig.13. Transient thermal impedance.
Z
th j-hs = f(t); parameter D = tp/T
Fig.14. Test circuit for reverse bias safe operating
area.
V
clamp < 700V; Vcc = 150V; -Vbe = 5V,3V & 1V;
L
B = 1µH; LC = 200µH.
Fig.15. Reverse bias safe operating area (T
j < Tjmax)
for -V
be = 5V,3V & 1V.
1u
100u
10m
1
100
t / s
Zth / (K/W)
10
1
0.1
0.01
0.001
D=0
0.5
0.2
0.1
0.05
0.02
10u
1m
100m
10
D =
tp
T
T
P
t
D
tp
BU1706AX
0
100
200
300
400
500
600
700
800
0
1
2
3
4
5
6
7
8
9
10
11
VCEclamp/V
IC/A
-5V
-3V
-1V
LB
IBon
-VBB
LC
T.U.T.
VCC
VCL
February 1999
5
Rev 1.000



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com