Electronic Components Datasheet Search
  English  ▼

X  

SP6669EB Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SP6669EB
Description  800mA 1.5MHz Synchronous Step-Down Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SP6669EB Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SP6669EB Datasheet HTML 1Page - List of Unclassifed Manufacturers SP6669EB Datasheet HTML 2Page - List of Unclassifed Manufacturers SP6669EB Datasheet HTML 3Page - List of Unclassifed Manufacturers SP6669EB Datasheet HTML 4Page - List of Unclassifed Manufacturers SP6669EB Datasheet HTML 5Page - List of Unclassifed Manufacturers SP6669EB Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SP6669EB
800mA 1
1..5
5M
MH
Hzz S
Syyn
ncch
hrro
on
no
ou
uss S
Stteep
p--D
Do
ow
wn
n C
Co
on
nvveerrtteerr
© 2012-2021 MaxLinear, Inc.
3/6
Rev. 1.0.1
USING THE EVALUATION BOARD
INITIAL SETUP
Set the input supply to a voltage between
2.5V to 5.5V and connect it to VIN and GND
connectors on the left side of the evaluation
board. Connect the load to the VOUT and GND
connectors on the right hand side of the
board. Check to make sure that jumper J1 is
set to VIN. The board will power-up and
regulate to the desired output voltage VOUT
set by the feedback resistors. The board will
operate with a load current IOUT of up to
800mA.
JUMPER J1 FUNCTION
Jumper J1 can be used to either short EN pin
to VIN or to GND. The Board is supplied from
MaxLinear with the jumper set to connect EN
to VIN.
VOUT PROGRAMMING
The SP6669 has a dynamically programmable
output voltage using 2 feedback resistors to
control the output voltage:
������������������������������������������������=0.6�������������1+������������1������������2�



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com