Electronic Components Datasheet Search
  English  ▼

X  

SP6669EB Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SP6669EB
Description  800mA 1.5MHz Synchronous Step-Down Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SP6669EB Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SP6669EB Datasheet HTML 1Page - List of Unclassifed Manufacturers SP6669EB Datasheet HTML 2Page - List of Unclassifed Manufacturers SP6669EB Datasheet HTML 3Page - List of Unclassifed Manufacturers SP6669EB Datasheet HTML 4Page - List of Unclassifed Manufacturers SP6669EB Datasheet HTML 5Page - List of Unclassifed Manufacturers SP6669EB Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SP6669EB
800mA 1
1..5
5M
MH
Hzz S
Syyn
ncch
hrro
on
no
ou
uss S
Stteep
p--D
Do
ow
wn
n C
Co
on
nvveerrtteerr
© 2012-2021 MaxLinear, Inc.
5/6
Rev. 1.0.1
BILL OF MATERIAL
Ref.
Qty Manufacturer
Part Number
Size
Component
Board
1
MaxLinear
146-6595-00
1"x1.5"
SP6669 Eval board
U1
1
MaxLinear
SP6669AEK-L
SOT23-5L
800mA Buck Reg.
CIN
1
Murata
GRM188R60J475KE19D
0603
Ceramic 4.7µF 6.3V X5R
COUT
1
Murata
GRM21BR60J106KE19
0805
Ceramic 10µF 6.3V X5R
CF
1
Murata
GRM1885C1H101JA01B
0603
Ceramic 100pF 50V COG
L1
1
Wurth Electronik
744025004
2.8mm x 2.8mm x
2.8mm
Inductor 4.7µH, 1.35A, 100mΩ
R1
1
Vishay
CRCW06032003F 0603
0603
200KΩ, 1/10W, 1%
R2
1
Vishay
CRCW06031003F
0603
100KΩ, 1/10W, 1%
J1
1
Wurth Electronik
61303611121
0.64mm SQ x 6mm
3 Pin Header, 2.54mm pitch
J1 (Jumper)
1
Wurth Electronik
609002115121
0.1”
Jumper short
TP
3
Mill-Max
0300-115-01-4727100
0.042” dia
Test Point Female Pin



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com