Electronic Components Datasheet Search
  English  ▼

X  

UPD16837GS Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPD16837GS
Description  MOS INTEGRATED CIRCUIT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD16837GS Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPD16837GS Datasheet HTML 1Page - Renesas Technology Corp UPD16837GS Datasheet HTML 2Page - Renesas Technology Corp UPD16837GS Datasheet HTML 3Page - Renesas Technology Corp UPD16837GS Datasheet HTML 4Page - Renesas Technology Corp UPD16837GS Datasheet HTML 5Page - Renesas Technology Corp UPD16837GS Datasheet HTML 6Page - Renesas Technology Corp UPD16837GS Datasheet HTML 7Page - Renesas Technology Corp UPD16837GS Datasheet HTML 8Page - Renesas Technology Corp UPD16837GS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
DATA SHEET
MOS INTEGRATED CIRCUIT
µPD16837
Document No. S12764EJ2V0DS00 (2nd edition)
Date Published September 2003 N CP(K)
Printed in Japan
MONOLITHIC QUAD H-BRIDGE DRIVER
DESCRIPTION
The
µPD16837 is a monolithic quad H-bridge driver employing power MOS FETs in the output stage. The MOS FETs
in the output stage lower the saturation voltage and power consumption as compared with conventional drivers using bipolar
transistors.
In addition, a low-voltage malfunction prevention circuit is also provided that prevents the IC from malfunctioning when
the supply voltage drops. A 30-pin plastic shrink SOP package is adopted to help create compact and slim application sets.
In the output stage H-bridge circuits, two low-ON resistance H-bridge circuits for driving actuators, and another two
channels for driving sled motors and loading motors are provided, making the product ideal for applications in CD-ROM
and DVD.
FEATURES
•
Four H-bridge circuits employing power MOS FETs
•
High-speed PWM drive: Operating frequency: 120 kHz MAX.
•
Low-voltage malfunction prevention circuit: Operating voltage: 2.5 V (TYP.)
•
30-pin plastic SSOP (7.62 mm (300))
ORDERING INFORMATION
Part Number
Package
µPD16837GS
30-pin plastic SSOP (7.62 mm (300))
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C)
Parameter
Symbol
Conditions
Rating
Unit
Control block supply voltage
VDD
–0.5 to +7.0
V
Output block supply voltage
VM
–0.5 to +15
V
Input voltage
VIN
–0.5 to VDD + 0.5
V
H-bridge drive currentNote 1
IDR (pulse)
PW
≤ 5 ms, Duty Cycle ≤ 30 %
±1.0
A/phase
Power dissipationNote 2
PT
1.25
W
Operating temperature range
TA
0 to 75
°C
Peak junction temperature
Tj (MAX)
150
°C
Storage temperature range
Tstg
–55 to +150
°C
Notes 1. When only one channel operates.
2. When mounted on a glass epoxy board (100 mm
× 100 mm × 1 mm)
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
The mark
shows major revised points.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com