Electronic Components Datasheet Search
  English  ▼

X  

UPD16837GS Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # UPD16837GS
Description  MOS INTEGRATED CIRCUIT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD16837GS Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button UPD16837GS Datasheet HTML 6Page - Renesas Technology Corp UPD16837GS Datasheet HTML 7Page - Renesas Technology Corp UPD16837GS Datasheet HTML 8Page - Renesas Technology Corp UPD16837GS Datasheet HTML 9Page - Renesas Technology Corp UPD16837GS Datasheet HTML 10Page - Renesas Technology Corp UPD16837GS Datasheet HTML 11Page - Renesas Technology Corp UPD16837GS Datasheet HTML 12Page - Renesas Technology Corp UPD16837GS Datasheet HTML 13Page - Renesas Technology Corp UPD16837GS Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
µPD16837
8
Data Sheet S12764EJ2V0DS
BLOCK DIAGRAM
19
VDD
8VM1
1A
1B
PGND1
VM2
2A
2B
PGND2
VM3
3A
3B
PGND3
VM4
4A
4B
PGND4
5
7
6
12
9
11
10
23
20
22
21
25
27
24
26
1
IN1
IN2
SEL1
IN3
IN4
SEL2
IN5
IN6
SEL3
IN7
IN8
SEL4
DGND
LVP
2
3
13
14
15
16
17
18
28
29
30
4
Control circuit 1
H-bridge 1
Control circuit 2
H-bridge 2
Control circuit 3
H-bridge 3
Control circuit 4
H-bridge 4
Cautions1. Connect all VM and GND pins.
2. Internally pulled down to GND via 50 k
Ω.
3. LVP (Low-voltage prevention circuit) operates by VDD = 2.5 V (TYP.).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com