Electronic Components Datasheet Search
  English  ▼

X  

UPD16876 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # UPD16876
Description  MOS INTEGRATED CIRCUIT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD16876 Datasheet(HTML) 5 Page - Renesas Technology Corp

  UPD16876 Datasheet HTML 1Page - Renesas Technology Corp UPD16876 Datasheet HTML 2Page - Renesas Technology Corp UPD16876 Datasheet HTML 3Page - Renesas Technology Corp UPD16876 Datasheet HTML 4Page - Renesas Technology Corp UPD16876 Datasheet HTML 5Page - Renesas Technology Corp UPD16876 Datasheet HTML 6Page - Renesas Technology Corp UPD16876 Datasheet HTML 7Page - Renesas Technology Corp UPD16876 Datasheet HTML 8Page - Renesas Technology Corp UPD16876 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Data Sheet S14288EJ1V0DS
3
µµµµPD16876
PIN CONFIGURATION (Top View)
1
LATCH
OUT
8
2
CTL
OUT
7
3
FLG
IN
6
4
GND
IN
5
8-pin SOP
PIN DESCRIPTION
Pin No.
Pin Name
Pin Function
1
LATCH
Select LATCH function. “H” is effective LATCH function.
2
CTL
Control input: Active-low, TTL input
3
FLG
Detection flag (output): Active-low, Nch open-drain
4
GND
Ground
5/6
IN
Power input: Source of MOSFET for output. Power supply to internal circuitry of IC
7/8
OUT
Switch output: Drain of MOSFET for output. Usually, connected to load.
TRUTH TABLE (H: High level, L: Low level, ON: Output on, OFF: Output off, X: H or L)
CTL (In)
FLG (Out)
OUT (Out)
Operation mode
L
H
ON
Normal operation
H
H
OFF
Switch OFF/Stand by mode
L
L
ON
Overcurrent detection
X
L
OFF
Thermal shutdown circuit operation
X
L
OFF
Undervoltage lockout circuit operation
LATCH
Operation mode
H (LATCH mode)
After overcurrent detection circuit operates, output is latched.
L (non LATCH mode)
After overcurrent detection circuit operates, output is operated limited current function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com