Electronic Components Datasheet Search
  English  ▼

X  

UPD16876 Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # UPD16876
Description  MOS INTEGRATED CIRCUIT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD16876 Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button UPD16876 Datasheet HTML 14Page - Renesas Technology Corp UPD16876 Datasheet HTML 15Page - Renesas Technology Corp UPD16876 Datasheet HTML 16Page - Renesas Technology Corp UPD16876 Datasheet HTML 17Page - Renesas Technology Corp UPD16876 Datasheet HTML 18Page - Renesas Technology Corp UPD16876 Datasheet HTML 19Page - Renesas Technology Corp UPD16876 Datasheet HTML 20Page - Renesas Technology Corp UPD16876 Datasheet HTML 21Page - Renesas Technology Corp UPD16876 Datasheet HTML 22Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
Data Sheet S14288EJ1V0DS
17
µµµµPD16876
RECOMMENDED SOLDERING CONDITIONS
The
µPD16876 should be soldered and mounted under the following recommended conditions.
For soldering methods and conditions other than those recommended, contact your NEC sales representative.
Surface Mount Type
For the details of the recommended soldering conditions, refer to the document Semiconductor Device
Mounting Technology Manual (C10535E).
µµµµPD16876G
Soldering Method
Soldering Conditions
Recommended
Condition Symbol
Infrared reflow
Package peak temperature: 235°C, Time: 30 sec. Max. (at 210°C or higher),
Count: two times, Exposure limit: Not limited
Note
IR35-00-2
VPS
Package peak temperature: 215°C, Time: 40 sec. Max. (at 200°C or higher),
Count: two times, Exposure limit: Not limited
Note
VP15-00-2
Wave soldering
Solder bath temperature: 260°C Max., Time: 10 sec. Max., Count: once,
Exposure limit: not limited
Note
WS60-00-1
Partial heating
Pin temperature: 300°C Max., Time: 3 sec. Max., Exposure limit: not limited
Note
Note After opening the dry pack, store it at 25°C or less and 65% RH or less for the allowable storage period.
Cautions Do not use different soldering methods together (except for partial heating).
REFERENCE
Quality Grades on NEC semiconductor Devices
C11531E
Semiconductor Device Mounting Technology Manual
C10535E
NEC Semiconductor Device Reliability/Quality Control System
C10983E
Semiconductor Selection Guide
X13769E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com