Electronic Components Datasheet Search
  English  ▼

X  

UPD17062 Datasheet(PDF) 130 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 130 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 126Page - Renesas Technology Corp UPD17062 Datasheet HTML 127Page - Renesas Technology Corp UPD17062 Datasheet HTML 128Page - Renesas Technology Corp UPD17062 Datasheet HTML 129Page - Renesas Technology Corp UPD17062 Datasheet HTML 130Page - Renesas Technology Corp UPD17062 Datasheet HTML 131Page - Renesas Technology Corp UPD17062 Datasheet HTML 132Page - Renesas Technology Corp UPD17062 Datasheet HTML 133Page - Renesas Technology Corp UPD17062 Datasheet HTML 134Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 298 page
background image
128
µPD17062
MAIN
A
MAIN
B
A
C
B
A
MAIN
B
A
A
A
RETI
RETI
RET
A
A
A
A
BANK0
CLR1 IXE
DI
BANK0
CLR1 IXE
EI
Undefined
Undefined
Main routine
Interrupt A
Interrupt B
Interrupt C
Undefined
Fig. 11-8
Example of Using Multiple Level-3 Interrupts
To interrupt A, be sure to set a lower priority than interrupts B and C. Fix the bank register and index enable
flag (BANK0 and IXE = 0 in this example) in the main routine that permits interrupt A. This processing enables
the use of RET instructions for multiple interrupts of three levels after specifying the bank register and index
enable flag of the main routine.
If the bank register and index enable flag at interrupt A are exactly the same as those of the main routine,
the RETI instruction can be used. However, because the operation of the 17K series emulator differs as shown
in Fig. 11-9, the RETI instruction cannot be used for debugging.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com