Electronic Components Datasheet Search
  English  ▼

X  

UPD17062 Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 22Page - Renesas Technology Corp UPD17062 Datasheet HTML 23Page - Renesas Technology Corp UPD17062 Datasheet HTML 24Page - Renesas Technology Corp UPD17062 Datasheet HTML 25Page - Renesas Technology Corp UPD17062 Datasheet HTML 26Page - Renesas Technology Corp UPD17062 Datasheet HTML 27Page - Renesas Technology Corp UPD17062 Datasheet HTML 28Page - Renesas Technology Corp UPD17062 Datasheet HTML 29Page - Renesas Technology Corp UPD17062 Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 298 page
background image
24
µPD17062
2.6 TABLE REFERENCE
The table reference instruction is used to reference the constant data in program memory. If the MOVT
DBF, @AR instruction is executed, data at the program memory address specified in an address register is
placed in a data buffer (DBF).
Because each data item in program memory consists of 16 bits, the constant data placed in the data buffer
by the MOVT instruction also consists of 16 bits (four words). Because the address register consists of eight
bits, the MOVT instruction can reference a program memory address between 0000H and 00FFH.
When table referencing is executed, a single stack is used.
See Sections 8.1 and 10.3.
2.7 NOTES ON USING THE BRANCH INSTRUCTION AND SUBROUTINE CALL INSTRUCTION
The 17K series assembler (AS17K) detects an error if a program memory address (numeric address) is
directly specified in the operand of the branch instruction (BR) or subroutine call instruction (CALL).
The assembler provides this function to minimize the number of bugs arising from program modification.
Examples 1. Instruction causing an error
;
#
BR
0005H
; The assembler detects the error.
;
$
CALL
00F0H
;
2. Instruction causing no error
;
%
LOOP1:
; The BR or CALL instruction is executed for a label used in the
BR
LOOP1
; program.
;
&
SUB1:
;
CALL
SUB1
;
;
(
LOOP2 LAB
0005H
; As a label type, 0005H is assigned to LOOP2.
BR
LOOP2
;
;
)
BR. LD.
0005H
; The numeric value of the operand is converted to a label type.
;
It is recommended that this method not be used to reduce
;
the number of bugs.
For details, refer to the AS17K User’s Manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com