Electronic Components Datasheet Search
  English  ▼

X  

80RIA Datasheet(PDF) 4 Page - International Rectifier

Part # 80RIA
Description  PHASE CONTROL THYRISTORS Stud Version
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

80RIA Datasheet(HTML) 4 Page - International Rectifier

  80RIA Datasheet HTML 1Page - International Rectifier 80RIA Datasheet HTML 2Page - International Rectifier 80RIA Datasheet HTML 3Page - International Rectifier 80RIA Datasheet HTML 4Page - International Rectifier 80RIA Datasheet HTML 5Page - International Rectifier 80RIA Datasheet HTML 6Page - International Rectifier 80RIA Datasheet HTML 7Page - International Rectifier 80RIA Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
80RIA Series
4
Bulletin I25201 rev. B 03/03
www.irf.com
180°
0.042
0.030
120°
0.050
0.052
90°
0.064
0.070
K/W
T
J
= T
J
max.
60°
0.095
0.100
30°
0.164
0.165
Ordering Information Table
1
-I
TAV
x 10A
2
-
0 = Eyelet terminals (Gate and Auxiliary Cathode Leads)
1 = Fast - on terminals (Gate and Auxiliary Cathode Leads)
3
-
RIA = Essential part number
4
-
Voltage code: Code x 10 = V
RRM
(See Voltage Rating Table)
5
-
None = Stud base 1/2"-20UNF- 2A threads
NOTE: For Metric Device M12 x 1.75 E6 Contact factory
4
8
0
RIA 120
Device Code
12
T
J
Max. operating temperature range
-40 to 125
T
stg
Max. storage temperature range
-40 to 150
R
thJC
Max. thermal resistance,
junction to case
R
thCS
Max. thermal resistance,
case to heatsink
T
Mounting torque, ± 10%
15.5 (137)
Non lubricated threads
14 (120)
Lubricated threads
wt
Approximate weight
130
g
Parameter
80RIA
Units
Conditions
0.30
DC operation
0.1
Mounting surface, smooth, flat and greased
Thermal and Mechanical Specification
°C
K/W
Nm
(lbf-in)
3
Case style
TO-209AC(TO-94)
See Outline Table
Conduction angle
Sinusoidal conduction Rectangular conduction Units
Conditions
∆R
thJ-C
Conduction
(The following table shows the increment of thermal resistence R
thJ-C
when devices operate at different conduction angles than DC)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com