Electronic Components Datasheet Search
  English  ▼

X  

80RIA Datasheet(PDF) 5 Page - International Rectifier

Part # 80RIA
Description  PHASE CONTROL THYRISTORS Stud Version
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

80RIA Datasheet(HTML) 5 Page - International Rectifier

  80RIA Datasheet HTML 1Page - International Rectifier 80RIA Datasheet HTML 2Page - International Rectifier 80RIA Datasheet HTML 3Page - International Rectifier 80RIA Datasheet HTML 4Page - International Rectifier 80RIA Datasheet HTML 5Page - International Rectifier 80RIA Datasheet HTML 6Page - International Rectifier 80RIA Datasheet HTML 7Page - International Rectifier 80RIA Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
80RIA Series
5
Bulletin I25201 rev. B 03/03
www.irf.com
Outline Table
Fast-on Terminals
Case Style TO-209AC (TO-94)
All dimensions in millimeters (inches)
WHITE SHRINK
C.S. 0.4 mm
2
215 (8.46)
10 (0.39)
WHITE GATE
RED SHRINK
RED CATHODE
RED SILICON RUBBER
4.3 (0.17) DIA.
(.0006 s.i.)
GLASS METAL SEAL
8.5 (0.3) DIA.
16.5 (0.65) MAX.
23.5 (0.92) MAX. DIA.
C.S. 16mm
2
FLEXIBLE LEAD
(.025 s.i.)
2.5 (0.10) MAX.
1/2"-20UNF-2A *
SW 27
29.5 (1.16) MAX.
AMP. 280000-1
REF-250
* FOR METRIC DEVICE: M12 X 1.75 E6
CONTACT FACTORY
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
80
90
100
110
120
130
0
1020
3040
50
6070
80
90
30°
60°
90°
120°
180°
Average On-state Current (A)
Conduc tion Angle
80RIA Series
R
(DC) = 0.30 K/ W
thJC
70
80
90
100
110
120
130
0
20
40
60
80
100
120
140
DC
30°
60°
90°
120°
180°
Average On-state Current (A)
Cond uc tion Period
80RIA Series
R
(DC) = 0.30 K/ W
thJC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com