Electronic Components Datasheet Search
  English  ▼

X  

80A Datasheet(PDF) 6 Page - International Rectifier

Part # 80A
Description  PHASE CONTROL THYRISTORS Stud Version
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

80A Datasheet(HTML) 6 Page - International Rectifier

  80A Datasheet HTML 1Page - International Rectifier 80A Datasheet HTML 2Page - International Rectifier 80A Datasheet HTML 3Page - International Rectifier 80A Datasheet HTML 4Page - International Rectifier 80A Datasheet HTML 5Page - International Rectifier 80A Datasheet HTML 6Page - International Rectifier 80A Datasheet HTML 7Page - International Rectifier 80A Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
80RIA Series
6
Bulletin I25201 rev. B 03/03
www.irf.com
025
50
75
100
125
Maximum Allowable Ambient Temperature (°C)
1
K/W
2 K/
W
5 K/W
3 K/ W
1.4
K/ W
0
10
20
30
40
50
60
70
80
90
100
110
120
0
10
20
30
40
50
60
70
80
180°
120°
90°
60°
30°
RMSLimit
Cond uction Angle
Average On-state Current (A)
80RIA Series
T = 125°C
J
Fig. 3 - On-state Power Loss Characteristics
0
255075
100
125
Maximum Allowable Ambient Temperature (°C)
R
=
0.4
K/
W
- D
elt
a
R
th
SA
0.6
K/W
1 K
/ W
1.4
K/W
2 K/ W
3 K/ W
5 K/ W
0
20
40
60
80
100
120
140
160
180
0
2040
6080
100
120
140
DC
180°
120°
90°
60°
30°
RMSLimit
Conduc tion Period
Average On-state Current (A)
80RIA Series
T = 125°C
J
Fig. 4 - On-state Power Loss Characteristics
800
1000
1200
1400
1600
1800
110
100
Number Of Eq ua l Amp litud e Half Cyc le Current Pulses (N)
Initial T = 125°C
@60 Hz 0.0083 s
@50 Hz 0.0100 s
J
80RIA Series
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
700
800
900
1000
1100
1200
1300
1400
1500
1600
1700
1800
1900
2000
0.01
0.1
1
Pulse Train Duration (s)
Versus Pulse Train Duration. Control
Of Conduc tion May Not Be Maintained.
Initial T = 125°C
No Voltage Reapplied
Rated V
Reapplied
RRM
J
80RIA Series
Maximum Non Repetitive Surge Current
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com