Electronic Components Datasheet Search
  English  ▼

X  

80A Datasheet(PDF) 1 Page - International Rectifier

Part # 80A
Description  PHASE CONTROL THYRISTORS Stud Version
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

80A Datasheet(HTML) 1 Page - International Rectifier

  80A Datasheet HTML 1Page - International Rectifier 80A Datasheet HTML 2Page - International Rectifier 80A Datasheet HTML 3Page - International Rectifier 80A Datasheet HTML 4Page - International Rectifier 80A Datasheet HTML 5Page - International Rectifier 80A Datasheet HTML 6Page - International Rectifier 80A Datasheet HTML 7Page - International Rectifier 80A Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
I
T(AV)
80
A
@ T
C
85
°C
I
T(RMS)
125
A
I
TSM
@ 50Hz
1900
A
@ 60Hz
1990
A
I2t@ 50Hz
18
KA2s
@ 60Hz
16
KA2s
V
DRM
/V
RRM
400 to 1200
V
t
q
typical
110
µs
T
J
- 40 to 125
°C
Parameters
80RIA
Unit
Typical Applications
DC motor controls
Controlled DC power supplies
AC controllers
Features
Hermetic glass-metal seal
International standard case TO-209AC (TO-94)
Major Ratings and Characteristics
case style
TO-209AC (TO-94)
PHASE CONTROL THYRISTORS
Stud Version
80RIA SERIES
1
80A
Bulletin I25201 rev. B 03/03
www.irf.com


Similar Part No. - 80A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
80A150/L ETC1-80A150/L Datasheet
59Kb / 1P
80A, 80AL Series
80A230/L ETC1-80A230/L Datasheet
59Kb / 1P
80A, 80AL Series
80A250/L ETC1-80A250/L Datasheet
59Kb / 1P
80A, 80AL Series
80A300/L ETC1-80A300/L Datasheet
59Kb / 1P
80A, 80AL Series
80A350/L ETC1-80A350/L Datasheet
59Kb / 1P
80A, 80AL Series
More results

Similar Description - 80A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
111RKI IRF-111RKI Datasheet
283Kb / 7P
PHASE CONTROL THYRISTORS Stud Version
181RKI IRF-181RKI Datasheet
224Kb / 8P
PHASE CONTROL THYRISTORS Stud Version
ST110S IRF-ST110S Datasheet
232Kb / 9P
PHASE CONTROL THYRISTORS Stud Version
ST180S IRF-ST180S Datasheet
290Kb / 10P
PHASE CONTROL THYRISTORS Stud Version
ST230S IRF-ST230S Datasheet
289Kb / 10P
PHASE CONTROL THYRISTORS Stud Version
ST280S IRF-ST280S Datasheet
86Kb / 8P
PHASE CONTROL THYRISTORS Stud Version
ST330S IRF-ST330S Datasheet
223Kb / 8P
PHASE CONTROL THYRISTORS Stud Version
logo
Vishay Siliconix
110RKI40PBF VISHAY-110RKI40PBF Datasheet
138Kb / 7P
Phase Control Thyristors (Stud Version), 110 A
11-Aug-08
ST110SPBF VISHAY-ST110SPBF Datasheet
136Kb / 7P
Phase Control Thyristors (Stud Version), 110 A
11-Aug-08
110RKI40PBF VISHAY-110RKI40PBF_09 Datasheet
153Kb / 8P
Phase Control Thyristors (Stud Version), 110 A
04-Nov-09
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com