Electronic Components Datasheet Search
  English  ▼

X  

21700613 Datasheet(PDF) 1 Page - Lapp.

Part # 21700613
Description  EPIC® DATA HS RJ45 F 10G A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

21700613 Datasheet(HTML) 1 Page - Lapp.

  21700613 Datasheet HTML 1Page - Lapp. 21700613 Datasheet HTML 2Page - Lapp. 21700613 Datasheet HTML 3Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
21700613
DATA SHEET
Valid from:
21.04.2022
EPIC® DATA HS RJ45 F 10G A
Creator: FELI1/PDP
Released: IVSE1/PDP
Document: DB21700613EN
Version: 02
Page 1 of 3
We reserve all rights according to DIN ISO 16016
PD 0019/05_04.18EN
Description
DIN RAIL adapter with field mountable RJ45-jack acc. IEC
60603-7-5, Cat.6, shielded
Color coding acc. EIA/TIA-568 A/B
For industrial ethernet
General characteristics
Connection method, din rail
mounting rail TH35
Connection method, connector
RJ45-jack, field mountable, UL listed
Number of pins
8
Ambient temperature
-40°C to +75°C (-40°F to 167°F)
Degree of protection
IP 20
Shielding
Shielded
For conductor
AWG22/1 to AWG26/1 (solid)
AWG22/7 to AWG27/7 (stranded)
For insulation-Ø
0.9 to 1.6 mm
For cable-Ø
Ø5.0 mm to Ø9.0 mm
Variation
Article
Description
Pin assignment
Included RJ45-jack
21700613
EPIC DATA HS RJ45 F 10G A
EIA/TIA-568A
21700611
21700614
EPIC DATA HS RJ45 F 10G B
EIA/TIA-568B
21700612
Electrical properties
RJ45-jack
Rated voltage
60 VDC (max.)
Rated current at 50 °C
1 A
Contact resistance
≤ 20 mΩ
Insulation resistance
≥ 500 MΩ
Withstand voltage
≥ 1000 VDC contact to contact
≥ 1500 VDC contact to shield
Suitable for Power over Ethernet 4PPoE
yes
acc. to IEEE 802.3bt
Transmission characteristics
RJ45-jack
Category (ISO)
6


Similar Part No. - 21700613

ManufacturerPart #DatasheetDescription
logo
Lapp.
21700611 LAPP-21700611 Datasheet
163Kb / 2P
ED-IE-AX-RJ45F-6A-A-FC
21.04.2022
21700617 LAPP-21700617 Datasheet
182Kb / 3P
ED-IE-M12F-X-RM
17.09.2018
More results

Similar Description - 21700613

ManufacturerPart #DatasheetDescription
logo
Lapp.
19429000 LAPP-19429000 Datasheet
132Kb / 2P
EPIC® H-A 3 TGVB
12.09.2022
19474000 LAPP-19474000 Datasheet
132Kb / 2P
EPIC® H-A 32 SG
29.08.2022
00008747 LAPP-00008747 Datasheet
309Kb / 3P
EPIC® SIGNAL R 3.0 A
23.05.2022
00008854 LAPP-00008854 Datasheet
285Kb / 3P
EPIC® SIGNAL R 3.0 F PG16
23.05.2022
10381200 LAPP-10381200 Datasheet
136Kb / 2P
EPIC® MCR 10 M / MCR 10 F
17.09.2018
10381400 LAPP-10381400 Datasheet
139Kb / 2P
EPIC® MCR 16 M / MCR 16 F
17.09.2018
10344300 LAPP-10344300 Datasheet
151Kb / 2P
EPIC® MCS 8 RJ45 / MCB 8 RJ45
17.09.2018
10625500 LAPP-10625500 Datasheet
115Kb / 2P
EPIC® H-A 48 AG
29.08.2022
19582000 LAPP-19582000 Datasheet
127Kb / 2P
EPIC® H-A 32 TG
29.08.2022
70462200 LAPP-70462200 Datasheet
130Kb / 2P
EPIC® H-A 10 TSH
17.09.2018
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com