Electronic Components Datasheet Search
  English  ▼

X  

21700613 Datasheet(PDF) 2 Page - Lapp.

Part # 21700613
Description  EPIC® DATA HS RJ45 F 10G A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

21700613 Datasheet(HTML) 2 Page - Lapp.

  21700613 Datasheet HTML 1Page - Lapp. 21700613 Datasheet HTML 2Page - Lapp. 21700613 Datasheet HTML 3Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
21700613
DATA SHEET
Valid from:
21.04.2022
EPIC® DATA HS RJ45 F 10G A
Creator: FELI1/PDP
Released: IVSE1/PDP
Document: DB21700613EN
Version: 02
Page 2 of 3
We reserve all rights according to DIN ISO 16016
PD 0019/05_04.18EN
Connector pin assignment
EIA/ TIA 568A
EIA/TIA 568B
Mechanical properties
Mounting rail housing
Inflammability class according to UL 94
V0
Housing, material
PA grey
Cover, material
PA grey
Transparent cover, material
PC crystal clear
Shutter, material
PA grey
Shutter holder, material
PA grey
Leg spring, material
Stainless steel
Earth contact spring, material
Tool steel, tin-plated
RJ45-jack
Inflammability class according to UL 94
V0
Connector housing, material
Zink diecast Ni plated
Stop hook, material
Stainless steel
Snap arm for cable trap, material
PC black
Slide for shield contact, material
PC black
Shield, material
German silver
Wire pair presorting, material
PBT nature
Insulating plate, material
PC white
Insulation body, material
PC white
PCB, material
FR4, tin-plated
Contact spring, material
Spring steel, gold plated
IDC, material
Copper alloy, tin-plated
Technical drawing



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com