Electronic Components Datasheet Search
  English  ▼

X  

UPD17218 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # UPD17218
Description  MOS INTEGRATED CIRCUIT
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17218 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button UPD17218 Datasheet HTML 35Page - Renesas Technology Corp UPD17218 Datasheet HTML 36Page - Renesas Technology Corp UPD17218 Datasheet HTML 37Page - Renesas Technology Corp UPD17218 Datasheet HTML 38Page - Renesas Technology Corp UPD17218 Datasheet HTML 39Page - Renesas Technology Corp UPD17218 Datasheet HTML 40Page - Renesas Technology Corp UPD17218 Datasheet HTML 41Page - Renesas Technology Corp UPD17218 Datasheet HTML 42Page - Renesas Technology Corp UPD17218 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 86 page
background image
37
µPD17215, 17216, 17217, 17218
Data Sheet U12042EJ3V2DS
32
10
WDTRES
BTMCK
BTMRES
0
Address
RF : 03H
BTMRES
On reset
0H
R/W
R/W*
0
1
Basic Interval Timer Reset
Data read out is always "0"
Writing "1" resets basic interval timer
BTMCK
0
1
Basic Interval Timer Mode Selection
Generates interrupt signal IRQBTM every f /2
WDTRES
0
1
Watchdog Timer Reset
Data read out is always "0"
Writing "1" resets watchdog timer (f /2 counter)
X
20
Generates interrupt signal IRQBTM every f /2
X
18
X
21
*:
Bits 1 and 3 are write-only bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com