Electronic Components Datasheet Search
  English  ▼

X  

UPD17218 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # UPD17218
Description  MOS INTEGRATED CIRCUIT
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17218 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button UPD17218 Datasheet HTML 17Page - Renesas Technology Corp UPD17218 Datasheet HTML 18Page - Renesas Technology Corp UPD17218 Datasheet HTML 19Page - Renesas Technology Corp UPD17218 Datasheet HTML 20Page - Renesas Technology Corp UPD17218 Datasheet HTML 21Page - Renesas Technology Corp UPD17218 Datasheet HTML 22Page - Renesas Technology Corp UPD17218 Datasheet HTML 23Page - Renesas Technology Corp UPD17218 Datasheet HTML 24Page - Renesas Technology Corp UPD17218 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 86 page
background image
19
µPD17215, 17216, 17217, 17218
Data Sheet U12042EJ3V2DS
Table 2-2 Relations between Hardware Peripherals and Data Buffer
Peripheral Register Transferring Data with Data Buffer
Hardware
Peripherals
Name
Symbol
Peripheral
Data
PUT/GET
Address
Buffer
8-bit counter
TMC
05H
DBF0, DBF1
GET only
8-Bit Timer
8-bit modulo
TMM
06H
DBF0, DBF1
PUT only
register
NRZ low
PUT
level period
GET
setting
NRZLTMM
03H
DBF0, DBF1
Remote
modulo
Controller
register
Carrier
Generator
NRZ high
PUT (clear bit 3
level period
of DBF1 to 0)
setting
NRZHTMM
04H
DBF0, DBF1
GET (bits 3 of
modulo
DBF1 is always 0)
register
PUT (bits 0 to 3 of
AR3 and bit 3 of
Address
Address
AR
40H
DBF0-DBF3
AR2 are any)*
1
Register
register
GET (bits 0 to 3 of
AR3 and bit 3 of
AR2 are always 0)*
2
*1: In the
µPD17216: bits 0 to 3 of AR3 are any, in the µPD17217, 17218: bits 1 to 3 of AR3 are any
2: In the
µPD17216: bits 0 to 3 of AR3 are always 0, in the µPD17217, 17218: bits 1 to 3 of AR3 are always 0
(2)
Table reference
A MOVT instruction reads constant data from a specified location of the program memory (ROM) and sets it
in the data buffer.
The function of the MOVT instruction is explained below.
MOVT DBF,@AR: Reads data from a program memory location pointed to by the address register (AR) and
sets it in the data buffer (DBF).
DBF 3
DBF 2
DBF 1
DBF 0
MOVT DBF, @ AR
b15
b0
16 bits
Program memory (ROM)
Data buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com