Electronic Components Datasheet Search
  English  ▼

X  

UPD17246 Datasheet(PDF) 81 Page - Renesas Technology Corp

Part # UPD17246
Description  MOS INTEGRATED CIRCUIT
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17246 Datasheet(HTML) 81 Page - Renesas Technology Corp

Back Button UPD17246 Datasheet HTML 77Page - Renesas Technology Corp UPD17246 Datasheet HTML 78Page - Renesas Technology Corp UPD17246 Datasheet HTML 79Page - Renesas Technology Corp UPD17246 Datasheet HTML 80Page - Renesas Technology Corp UPD17246 Datasheet HTML 81Page - Renesas Technology Corp UPD17246 Datasheet HTML 82Page - Renesas Technology Corp UPD17246 Datasheet HTML 83Page - Renesas Technology Corp UPD17246 Datasheet HTML 84Page - Renesas Technology Corp UPD17246 Datasheet HTML 85Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 104 page
background image
79
Data Sheet U15002EJ1V1DS
µPD17240, 17241, 17242, 17243, 17244, 17245, 17246
Table 12-2. Reserved Symbols (2/3)
Symbol Name
Attribute
Value
R/W
Description
P0E0
FLG
0.6FH.0
R/W
Bit 0 of port 0E
P0E1
FLG
0.6FH.1
R/W
Bit 1 of port 0E
P0E2
FLG
0.6FH.2
R/W
Bit 2 of port 0E
P0E3
FLG
0.6FH.3
R/W
Bit 3 of port 0E
P1A0
FLG
1.70H.0
R/W
Bit 0 of port 1A
P1A1
FLG
1.70H.1
R/W
Bit 1 of port 1A
P1A2
FLG
1.70H.2
R/W
Bit 2 of port 1A
P1B0
FLG
1.71H.0
R/W
Bit 0 of port 1B
SP
MEM
0.81H
R/W
Stack pointer
SYSCK
FLG
0.82H.0
R/W
System clock select flag
WDTRES
FLG
0.83H.3
R/W
Watchdog timer reset flag
BTMCK
FLG
0.83H.2
R/W
Basic interval timer mode select flag
BTMRES
FLG
0.83H.1
R/W
Basic interval timer mode reset flag
P1AHL0
FLG
0.85H.0
R/W
P1A0 port standby clear level select flag
P1AHL1
FLG
0.85H.1
R/W
P1A1 port standby clear level select flag
P1AHL2
FLG
0.85H.2
R/W
P1A2 port standby clear level select flag
P1AKEY0
FLG
0.86H.0
R/W
P1A0 port key matrix select flag
P1AKEY1
FLG
0.86H.1
R/W
P1A1 port key matrix select flag
P1AKEY2
FLG
0.86H.2
R/W
P1A2 port key matrix select flag
P1ABPU0
FLG
0.87H.0
R/W
P1A0 port pull-up resistor select flag
P1ABPU1
FLG
0.87H.1
R/W
P1A1 port pull-up resistor select flag
P1ABPU2
FLG
0.87H.2
R/W
P1A2 port pull-up resistor select flag
INT
FLG
0.8FH.0
R
INT pin status flag
NRZBF
FLG
0.91H.0
R/W
NRZ buffer data flag
NRZ
FLG
0.92H.0
R/W
NRZ data flag
REMEN
FLG
0.92H.1
R/W
Carrier output select flag
REMCK1
FLG
0.93H.1
R/W
Carrier generation clock select flag
REMCK0
FLG
0.93H.0
R/W
Carrier generation clock select flag
P1BHL0
FLG
0.95H.2
R/W
P1B0 port standby clear level select flag
P1BKEY0
FLG
0.95H.1
R/W
P1B0 port key matrix select flag
P1BBPU0
FLG
0.95H.0
R/W
P1B0 port pull-up resistor select flag
P0EKEY0
FLG
0.96H.0
R/W
P1E0 port key matrix select flag
P0EKEY1
FLG
0.96H.1
R/W
P1E1 port key matrix select flag
P0EKEY2
FLG
0.96H.2
R/W
P1E2 port key matrix select flag
P0EKEY3
FLG
0.96H.3
R/W
P1E3 port key matrix select flag
P0EBPU0
FLG
0.97H.0
R/W
P0E0 pull-up setting flag
P0EBPU1
FLG
0.97H.1
R/W
P0E1 pull-up setting flag
P0EBPU2
FLG
0.97H.2
R/W
P0E2 pull-up setting flag
P0EBPU3
FLG
0.97H.3
R/W
P0E3 pull-up setting flag
INTSEL
FLG
0.9FH.1
R/W
INT select flag



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com