Electronic Components Datasheet Search
  English  ▼

X  

UPD17246 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # UPD17246
Description  MOS INTEGRATED CIRCUIT
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17246 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button UPD17246 Datasheet HTML 9Page - Renesas Technology Corp UPD17246 Datasheet HTML 10Page - Renesas Technology Corp UPD17246 Datasheet HTML 11Page - Renesas Technology Corp UPD17246 Datasheet HTML 12Page - Renesas Technology Corp UPD17246 Datasheet HTML 13Page - Renesas Technology Corp UPD17246 Datasheet HTML 14Page - Renesas Technology Corp UPD17246 Datasheet HTML 15Page - Renesas Technology Corp UPD17246 Datasheet HTML 16Page - Renesas Technology Corp UPD17246 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 104 page
background image
11
Data Sheet U15002EJ1V1DS
µPD17240, 17241, 17242, 17243, 17244, 17245, 17246
1.1
Pin Function List (3/3)
Pin No.
Pin Name
Function
Output Format
After Reset
14
P1A0
These pins constitute a 3-bit I/O port that can be set to the input or
When key
CMOS input
15
P1A1
output mode in 1-bit units.
matrix is
(when key
30
P1A2
If this port is set to the input mode when a key matrix is used, it
used: N-ch
matrix is not
functions as a CMOS input port and can be used to input key
open-drain,
used and
return signals. At this time, whether a pull-up/down resistor is
when key
no resistor
connected to this port and the standby mode release condition
matrix is not
connected)
(whether it is released when this pin is high or low) can be
used: CMOS
selected in 1-bit units
push-pull.
1. If connection of a resistor is specified and if it is specified that
the standby mode is released when this port goes low
... A pull-up resistor is connected. If a low level is input to
the set key, the standby mode is released.
2. If connection of a resistor is specified and if it is specified that
the standby mode is released when this port goes high
... A pull-down resistor is connected. If a high level is input
to the set key, the standby mode is released.
3. If connection of a resistor is not specified and if it is specified
that the standby mode is released when this port goes low
(or high)
... No resistor is connected. If a low (or high) level is input to
the set key, the standby mode is released.
If this port is set to the output mode when a key matrix is used, it
functions as an N-ch open-drain output port and can be used to
output key matrix signals.
If this port is set to the input mode when a key matrix is used, it
functions as a CMOS input port.
Connection of a resistor to this port and whether the resistor is
pull-up or pull-down can be selected in 1-bit units.
If this port is set in the output mode when a key matrix is not used,
it functions as a high-current CMOS output port.
16
P0A0
These pins are CMOS input pins with a 4-bit pull-up resistor.
–
CMOS input
17
P0A1
They can be used to input the key return signals of a key matrix.
with pull-up
18
P0A2
If any one of these pins goes low, the standby status is released.
resistor
19
P0A3
20
P0B0
These pins constitute a 4-bit I/O port that can be set to the input or
N-ch
CMOS input
21
P0B1
output mode in 1-bit units.
open drain
with pull-up
22
P0B2
In the input mode, these pins are CMOS input pins with a pull-up
resistor
23
P0B3
resistor, and can be used to input the key return signals of a key
matrix. The standby status is released when at least one of these
pins goes low.
In the output mode, they serve as N-ch open-drain output pins and
can be used to output the key return signals of a key matrix.
24
P0C0
These pins constitute a 4-bit I/O port that can be set to the input or
N-ch
Low-level
25
P0C1
output mode in 4-bit units (group I/O).
open drain
output
26
P0C2
In the input mode, these pins are CMOS input pins with a pull-up
27
P0C3
resistor, and can be used to input the key return signals of a key
matrix. The standby status is released when at least one of these
pins goes low.
In the output mode, they serve as N-ch open-drain output pins and
can be used to output the key return signals of a key matrix.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com