Electronic Components Datasheet Search
  English  ▼

X  

BUJ303AX Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BUJ303AX
Description  Silicon Diffused Power Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUJ303AX Datasheet(HTML) 4 Page - NXP Semiconductors

  BUJ303AX Datasheet HTML 1Page - NXP Semiconductors BUJ303AX Datasheet HTML 2Page - NXP Semiconductors BUJ303AX Datasheet HTML 3Page - NXP Semiconductors BUJ303AX Datasheet HTML 4Page - NXP Semiconductors BUJ303AX Datasheet HTML 5Page - NXP Semiconductors BUJ303AX Datasheet HTML 6Page - NXP Semiconductors BUJ303AX Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Philips Semiconductors
Preliminary specification
Silicon Diffused Power Transistor
BUJ303AX
Fig.7. Normalised power dissipation.
PD% = 100
⋅PD/PD
25˚C = f (Ths)
Fig.8. Typical DC current gain. h
FE = f(IC)
parameter V
CE
Fig.9. Collector-Emitter saturation voltage.
Solid lines = typ values, V
CEsat = f(IB); Tj=25˚C.
Fig.10. Base-Emitter saturation voltage.
Solid lines = typ values, V
BEsat = f(IC); at IC/IB =4.
Fig.11. Collector-Emitter saturation voltage.
Solid lines = typ values, V
CEsat = f(IC); at IC/IB =4.
Fig.12. Transient thermal impedance.
Z
th j-hs = f(t); parameter D = tp/T
0
20
40
60
80
100
120
140
Ths / C
%
Normalised Derating
120
110
100
90
80
70
60
50
40
30
20
10
0
with heatsink compound
P tot
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.1
1.0
10.0
IC/A
VBEsat/V
0.01
1
100
10
1
0.1
10
h FE
IC / A
Tj = 25 C
1V
5V
0.0
0.1
0.2
0.3
0.4
0.5
01
10
IC/A
VCEsat/V
0.0
0.4
0.8
1.2
1.6
2.0
0.01
0.10
1.00
10.00
IB/A
VCEsat/V
IC=1A
2A
3A
4A
1u
100u
10m
1
100
t / s
Zth / (K/W)
10
1
0.1
0.01
0.001
D=0
0.5
0.2
0.1
0.05
0.02
10u
1m
100m
10
D =
tp
T
T
P
t
D
tp
BU1706AX
August 1998
4
Rev 1.000



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com