Electronic Components Datasheet Search
  English  ▼

X  

BUJ303AX Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BUJ303AX
Description  Silicon Diffused Power Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUJ303AX Datasheet(HTML) 5 Page - NXP Semiconductors

  BUJ303AX Datasheet HTML 1Page - NXP Semiconductors BUJ303AX Datasheet HTML 2Page - NXP Semiconductors BUJ303AX Datasheet HTML 3Page - NXP Semiconductors BUJ303AX Datasheet HTML 4Page - NXP Semiconductors BUJ303AX Datasheet HTML 5Page - NXP Semiconductors BUJ303AX Datasheet HTML 6Page - NXP Semiconductors BUJ303AX Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Philips Semiconductors
Preliminary specification
Silicon Diffused Power Transistor
BUJ303AX
Fig.13. Reverse bias safe operating area. T
j ≤ Tj max
Fig.14. Test circuit for reverse bias
safe operating area.
V
cl ≤ 1000V; Vcc = 150V; VBB = -5V; LB = 1µH;
L
c = 200µH
Fig.15. Forward bias safe operating area. T
hs ≤ 25 ˚C
(1)
P
tot max and Ptot peak max lines.
(2)
Second breakdown limits.
I
Region of permissible DC operation.
II
Extension for repetitive pulse operation.
III
Extension during turn-on in single
transistor converters provided that
R
BE ≤ 100 Ω and tp ≤ 0.6 µs.
NB:
Mounted with heatsink compound and
30
± 5 newton force on the centre of the
envelope.
0
200
400
600
800
1,000
1,200
0
1
2
3
4
5
6
7
8
9
10
11
VCE CLAMP/V
IC/V
1
10
100
1000
100
10
1
0.1
0.01
tp =
10 us
100 us
1 ms
10 ms
DC
IC / A
V
/ V
ICM max
IC max
II
I
= 0.01
III
500 ms
(1)
(2)
CE
LB
IBon
-VBB
LC
T.U.T.
VCC
VCL
August 1998
5
Rev 1.000



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com