Electronic Components Datasheet Search
  English  ▼

X  

USB2507 Datasheet(PDF) 19 Page - SMSC Corporation

Part # USB2507
Description  Integrated USB 2.0 Compatible 7-Port Hub
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2507 Datasheet(HTML) 19 Page - SMSC Corporation

Back Button USB2507 Datasheet HTML 15Page - SMSC Corporation USB2507 Datasheet HTML 16Page - SMSC Corporation USB2507 Datasheet HTML 17Page - SMSC Corporation USB2507 Datasheet HTML 18Page - SMSC Corporation USB2507 Datasheet HTML 19Page - SMSC Corporation USB2507 Datasheet HTML 20Page - SMSC Corporation USB2507 Datasheet HTML 21Page - SMSC Corporation USB2507 Datasheet HTML 22Page - SMSC Corporation USB2507 Datasheet HTML 23Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
Integrated USB 2.0 Compatible 7-Port Hub
Datasheet
SMSC USB2507
19
Revision 2.1 (12-06-06)
DATASHEET
5.2.1.1
Implementation Characteristics
Please refer to the MicroChip 24AA00 DataSheet for Protocol and Programming specifics.
5.2.1.2
Pull-Up Resistor
The Circuit board designer is required to place external pull-up resistors (10K
Ω recommended) on the
SDA/SMBDATA & SCL/SMBCLK/CFG_SELO lines (per SMBus 1.0 Specification, and EEPROM
manufacturer guidelines) to Vcc in order to assure proper operation.
5.2.1.3
I2C EEPROM Slave Address
Slave address is 1010000.
Note: 10-bit addressing is NOT supported.
5.2.2
In-Circuit EEPROM Programming
The EEPROM can be programmed via ATE by pulling RESET_N low (which tri-states the Hub’s
EEPROM interface and allows an external source to program the EEPROM).
5.2.3
EEPROM DATA
Table 5.1 User-Defined Descriptor Data
FIELD
BYTE
MSB:
LSB
SIZE
(BYTES)
DEFAULT
CFG
SELF
(HEX)
DEFAULT
CFG
BUS
(HEX)
DESCRIPTION
VID
1:0
2
0424
0424
Vendor ID (assigned by USB-IF).
PID
3:2
2
2507
2507
Product ID (assigned by Manufacturer).
DID
5:4
2
0000
0000
Device ID (assigned by Manufacturer).
Config Data
Byte 1
6
1
98
1C
Configuration data byte #1 for Hub options.
Config Data
Byte 2
7
1
10
90
Configuration data byte #2 for Hub options.
Non
Removable
Device
8
1
00
00
Defines the ports that contain attached
devices (this is used only when Hub is part of
a compound device).
Port Disable
Self-Powered
9
1
00
00
Selects the ports that will be permanently
disabled
Port Disable
Bus-Powered
A
1
00
00
Selects the ports that will be permanently
disabled
Max Power
Self-Powered
B
1
01
01
Max Current for this configuration (expressed
in 2mA units).
Max Power
Bus-Powered
C
1
64
64
Max Current for this configuration (expressed
in 2mA units).
Hub Controller
Max Current
Self-Powered
D
1
01
01
Max Current (expressed in 2mA units).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com