Electronic Components Datasheet Search
  English  ▼

X  

USB2507 Datasheet(PDF) 25 Page - SMSC Corporation

Part # USB2507
Description  Integrated USB 2.0 Compatible 7-Port Hub
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2507 Datasheet(HTML) 25 Page - SMSC Corporation

Back Button USB2507 Datasheet HTML 21Page - SMSC Corporation USB2507 Datasheet HTML 22Page - SMSC Corporation USB2507 Datasheet HTML 23Page - SMSC Corporation USB2507 Datasheet HTML 24Page - SMSC Corporation USB2507 Datasheet HTML 25Page - SMSC Corporation USB2507 Datasheet HTML 26Page - SMSC Corporation USB2507 Datasheet HTML 27Page - SMSC Corporation USB2507 Datasheet HTML 28Page - SMSC Corporation USB2507 Datasheet HTML 29Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
Integrated USB 2.0 Compatible 7-Port Hub
Datasheet
SMSC USB2507
25
Revision 2.1 (12-06-06)
DATASHEET
5.3.1.1
Byte Protocols
When using the Hub SMBus Interface for byte transfers, a write will always consist of the SMBus
Interface Slave Address byte, followed by the Internal Address Register byte, then the data byte.
The normal read protocol consists of a write to the HUB with the SMBus Interface Address byte,
followed by the Internal Address Register byte. Then restart the Serial Communication with a Read
consisting of the SMBus Interface Address byte, followed by the data byte read from the Hub. This
can be accomplished by using the Read Byte protocol.
Note: For the following SMBus tables:
Write Byte
The Write Byte protocol is used to write data to the registers. The data will only be written if the protocol
shown in Table 5.2 is performed correctly. Only one byte is transferred at a time for a Write Byte
protocol.
Read Byte
The Read Byte protocol is used to read data from the registers. The data will only be read if the
protocol shown in Table 5.3 is performed correctly. Only one byte is transferred at a time for a Read
Byte protocol.
5.3.2
Invalid Protocol Response Behavior
Registers that are accessed with an invalid protocol are not updated. A register is only updated
following a valid protocol. The only valid protocols are Write Byte and Read Byte, which are described
above.
The Hub only responds to the hardware selected Slave Address.
Attempting to communicate with the Hub over SMBus with an invalid slave address or invalid protocol
results in no response, and the SMBus Slave Interface returns to the idle state.
The only valid registers that are accessible by the SMBus slave address are the registers defined in
the Registers Section. See Section 5.3.3 for the response to undefined registers.
5.3.3
General Call Address Response
The Hub does not respond to a general call address of 0000_000b.
Table 5.2 SMBus Write Byte Protocol
Field:
Start
Slave Addr
Wr
Ack
Reg. Addr
Ack
Reg. Data
Ack
Stop
Bits:
1
71
18
1
8
1
1
Table 5.3 SMBus Read Byte Protocol
Field:
Start
Slave
Addr
Wr
Ack
Reg.
Addr
Ack
Start
Slave
Addr
Rd
Ack
Reg.
Data
Nack
Stop
Bits:
1
7
1
1
8
1
1
7
1
1
8
1
1
Denotes Master-to-Slave
Denotes Slave-to-Master



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com