Electronic Components Datasheet Search
  English  ▼

X  

AD8112 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8112
Description  Audio/Video, 60 MHz, 16 횞 8, Gain of 2 Crosspoint Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8112 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8112 Datasheet HTML 8Page - Analog Devices AD8112 Datasheet HTML 9Page - Analog Devices AD8112 Datasheet HTML 10Page - Analog Devices AD8112 Datasheet HTML 11Page - Analog Devices AD8112 Datasheet HTML 12Page - Analog Devices AD8112 Datasheet HTML 13Page - Analog Devices AD8112 Datasheet HTML 14Page - Analog Devices AD8112 Datasheet HTML 15Page - Analog Devices AD8112 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
AD8112
Rev. 0 | Page 12 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
FREQUENCY (MHz)
–6
–3
0
3
0.01
0.1
1
10
100
Figure 12. Small-Signal Bandwidth, VS = ±5 V, RL = 150 Ω, VOUT = 200 mV p-p
FREQUENCY (MHz)
–0.3
–0.2
–0.1
0.3
0
0.1
0.2
0.1
1
10
100
Figure 13. Small-Signal Gain Flatness, VS = ±5 V, RL = 150 Ω, VOUT = 200 mV p-p
FREQUENCY (MHz)
–6
–3
0
3
0.1
1
10
100
Figure 14. Large-Signal Bandwidth, VS = ±5 V, RL = 150 Ω, VOUT = 2 V p-p
FREQUENCY (MHz)
–6
–3
0
3
0.1
100
10
1
Figure 15. Small-Signal Bandwidth, VS = ±12 V, RL = 600 Ω, VOUT = 200 mV p-p
FREQUENCY (MHz)
–0.3
0
–0.2
–0.1
0.1
0.2
0.3
0.1
100
10
1
Figure 16. Small-Signal Gain Flatness, VS = ±12 V, RL = 600 Ω, VOUT = 200 mV p-p
FREQUENCY (MHz)
–6
–3
0
3
0.1
100
10
1
Figure 17. Large-Signal Bandwidth, VS = ±12 V, RL = 600 Ω, VOUT = 8 V p-p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com