Electronic Components Datasheet Search
  English  ▼

X  

MAX3371 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3371
Description  1uA, 2Mbps, Low-Voltage Level Translators in SC70
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3371 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3371 Datasheet HTML 1Page - Maxim Integrated Products MAX3371 Datasheet HTML 2Page - Maxim Integrated Products MAX3371 Datasheet HTML 3Page - Maxim Integrated Products MAX3371 Datasheet HTML 4Page - Maxim Integrated Products MAX3371 Datasheet HTML 5Page - Maxim Integrated Products MAX3371 Datasheet HTML 6Page - Maxim Integrated Products MAX3371 Datasheet HTML 7Page - Maxim Integrated Products MAX3371 Datasheet HTML 8Page - Maxim Integrated Products MAX3371 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
1µA, 2Mbps, Low-Voltage Level
Translators in SC70
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +2.5V to +5.5V, VL = +1.6V to +5.5V (Note 1), GND = 0; I/O VL, I/O VCC unconnected; TA = -40°C to +85°C, unless otherwise
noted. Typical values are at TA = +25°C.) (Note 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND ..............................................................-0.3V to +7V
SHDN to GND ...............................................-0.3V to (VL + 0.3V)
I/O VL to GND................................................-0.3V to (VL + 0.3V)
VL, I/O VCC to GND ...................................-0.3V to (VCC + 0.3V)
Short-Circuit Duration: I/O VL, I/O VCC to GND..........Continuous
Continuous Power Dissipation (TA = +70°C)
5/6-Pin SC70 (derate 3.1mW/°C above +70°C) ...........245mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLIES
VL Supply Range
VL
(Note 1)
1.6
5.5
V
VCC Supply Range
VCC
2.5
5.5
V
Supply Current from VCC
IQVCC
70
100
µA
Supply Current from VL
IQVL
5
100
µA
VCC Shutdown Supply Current
SHDN = GND, TA = +25°C, MAX3371
0.03
1
µA
VL Shutdown Supply Current
SHDN = GND, TA = +25°C, MAX3371
0.03
1
µA
Three-State Output Leakage
Current
I/O VL, I/O VCC; SHDN = GND, TA = +25°C,
MAX3371
0.02
1
µA
LOGIC LEVEL THRESHOLDS
I/O VL Input Voltage High
Threshold
VIHL
VL - 0.2
V
I/O VL Input Voltage Low
Threshold
VILL
0.15
V
I/O VCC Input Voltage High
Threshold
VIHC
VCC - 0.4
V
I/O VCC Input Voltage Low
Threshold
VILC
0.2
V
I/O VL Output Voltage High
VOHL
I/O VL sink current = 20µA,
I/O VCC ≥ VCC - 0.4V (Note 3)
2/3
×
VL
V
I/O VL Output Voltage Low
VOLL
I/O VL sink current = 1mA, I/O VCC ≤ 0.2V
(Note 3)
0.4
V
I/O VCC Output Voltage High
VOHC
I/O VCC source current = 20µA,
I/O VL ≥ VL - 0.2V (Note 3)
2/3
×
VCC
V
I/O VCC Output Voltage Low
VOLC
I/O VCC sink current = 1mA,
I/O VL ≤ 0.15V (Note 3)
0.4
V
SHDN Input Voltage High
VIH-SHDN
2/3
×
VL
V
VL ≥ +1.8V
0.4
SHDN Input Voltage Low
VIL-SHDN
VL ≥ +1.6V
0.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com