Electronic Components Datasheet Search
  English  ▼

X  

MAX3371 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX3371
Description  1uA, 2Mbps, Low-Voltage Level Translators in SC70
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3371 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX3371 Datasheet HTML 2Page - Maxim Integrated Products MAX3371 Datasheet HTML 3Page - Maxim Integrated Products MAX3371 Datasheet HTML 4Page - Maxim Integrated Products MAX3371 Datasheet HTML 5Page - Maxim Integrated Products MAX3371 Datasheet HTML 6Page - Maxim Integrated Products MAX3371 Datasheet HTML 7Page - Maxim Integrated Products MAX3371 Datasheet HTML 8Page - Maxim Integrated Products MAX3371 Datasheet HTML 9Page - Maxim Integrated Products MAX3371 Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
1µA, 2Mbps, Low-Voltage Level
Translators in SC70
6
_______________________________________________________________________________________
Typical Operating Characteristics
(Driving I/O VL rail-to-rail, RL = 1MΩ,TA = +25°C, unless otherwise noted.)
86
88
90
92
94
96
98
100
102
2.5
3.5
3.0
4.0
4.5
5.0
5.5
VL SUPPLY CURRENT
vs. POWER-SUPPLY VOLTAGE
VCC (V)
RATE = 2Mbps, CLOAD = 10pF
RATE = 1Mbps, CLOAD = 50pF
RATE = 500kbps, CLOAD = 30pF,
OPEN-DRAIN DRIVE
VL = 1.8V
0
200
100
400
300
500
600
2.5
3.5
4.0
3.0
4.5
5.0
5.5
VCC (V)
VCC SUPPLY CURRENT
vs. POWER-SUPPLY VOLTAGE
RATE = 2Mbps, CLOAD = 10pF
RATE = 1Mbps, CLOAD = 50pF
VL = 1.8V
RATE = 500kbps, CLOAD = 30pF,
OPEN-DRAIN DRIVE
89
92
91
90
93
94
95
96
97
98
99
-40
10
-15
356085
TEMPERATURE (
°C)
VL SUPPLY CURRENT
vs. TEMPERATURE
VCC = 2.5V
VCC = 3.3V
VCC = 5.0V
VL = 1.8V, RATE = 500kbps,
CLOAD = 30pF,
OPEN-DRAIN DRIVE
100
200
150
300
250
400
350
450
-40
10
-15
356085
TEMPERATURE (
°C)
VCC SUPPLY CURRENT
vs. TEMPERATURE
VCC = 2.5V
VCC = 3.3V
VCC = 5.0V
VL = 1.8V, RATE = 500kbps,
CLOAD = 30pF,
OPEN-DRAIN DRIVE
80
90
85
100
95
110
105
115
CLOAD (pF)
0
50
100
150
200
VL SUPPLY CURRENT
vs. LOAD CAPACITANCE
RATE = 500kbps, CLOAD = 30pF,
OPEN-DRAIN DRIVE
RATE = 2Mbps, CLOAD = 10pF
RATE = 1Mbps, CLOAD = 50pF
VL = 1.8V
VCC = 3.3V
80
280
180
480
380
680
580
780
CLOAD (pF)
0
50
100
150
200
VCC SUPPLY CURRENT
vs. LOAD CAPACITANCE
RATE = 500kbps, CLOAD = 30pF,
OPEN-DRAIN DRIVE
RATE = 2Mbps, CLOAD = 10pF
RATE = 1Mbps, CLOAD = 50pF
VL = 1.8V
VCC = 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com