Electronic Components Datasheet Search
  English  ▼

X  

MYK Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # MYK
Description  General-purpose Latching Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

MYK Datasheet(HTML) 3 Page - Omron Electronics LLC

  MYK Datasheet HTML 1Page - Omron Electronics LLC MYK Datasheet HTML 2Page - Omron Electronics LLC MYK Datasheet HTML 3Page - Omron Electronics LLC MYK Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
76
General-purpose Latching Relay
MYK
Engineering Data
Maximum Switched Power
Endurance
Dimensions
10
500
1,000
5,000
10
500
1,000
5,000
Switching voltage (V)
AC resistive load
DC resistive load
110 VAC resistive load
Switching current (A)
Switching current (A)
110 VAC inductive load
(cos
φ = 0.4)
30 VDC inductive load
(L/R = 7 ms)
220 VAC
inductive load
(cos
φ = 0.4)
220 VAC
resistive load
30 VDC resistive
load
DC inductive load
(L/R = 7 ms)
AC
inductive
load
(cos
φ =
0.4)
MY2K
MY2K-02
2.6
0.5
0.5
6.4
6.3
2.6
3.5
0.5
4
6.3
3.75
6.3
4.3
13.2
4.1
12.65
6.35
4.4
Mounting Holes
(Bottom View)
Note: Dimensional tolerances
are
±0.1 mm.
Ten, 1.2-dia. holes x 2.2 elliptic holes
36 max.
21.5 max.
28 max.
36 max.
21.5 max.
28 max.
Ten, 1.3-dia. holes



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com