Electronic Components Datasheet Search
  English  ▼

X  

MYK Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # MYK
Description  General-purpose Latching Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

MYK Datasheet(HTML) 4 Page - Omron Electronics LLC

  MYK Datasheet HTML 1Page - Omron Electronics LLC MYK Datasheet HTML 2Page - Omron Electronics LLC MYK Datasheet HTML 3Page - Omron Electronics LLC MYK Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
In the interest of product improvement, specifications are subject to change without notice.
ALL DIMENSIONS SHOWN ARE IN MILLIMETERS.
To convert millimeters into inches, multiply by 0.03937. To convert grams into ounces, multiply by 0.03527.
Cat. No. J013-E1-02
General-purpose Latching Relay
MYK
77
R
Terminal Arrangement/Internal Connections (Bottom View)
Note: 1. Resistor is for ampere-turn compensation and is
incorporated in the Relay rated at 50 VAC or above.
2. Pay attention to the polarity of the set and reset coils,
as incorrect connection of positive and negative ter-
minal will result in the Relay malfunctioning.
AC Model
DC Model
When using the Relay rated at 110 VAC at a supply volt-
age of 220 VAC, be sure to connect external resistors
Rs and Rr to the Relay.
If the supply voltage is applied to the set and reset coils
at the same time, the Relay will be put in the set state.
Use at 220 VAC
Rs: 7.3 k
Ω 3 W
Rr: 14.3 k
Ω 1 W



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com