Electronic Components Datasheet Search
  English  ▼

X  

UPD16876 Datasheet(PDF) 6 Page - NEC

Part # UPD16876
Description  SINGLE Pch HIGH-SIDE SWITCH FOR USB
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16876 Datasheet(HTML) 6 Page - NEC

Back Button UPD16876 Datasheet HTML 2Page - NEC UPD16876 Datasheet HTML 3Page - NEC UPD16876 Datasheet HTML 4Page - NEC UPD16876 Datasheet HTML 5Page - NEC UPD16876 Datasheet HTML 6Page - NEC UPD16876 Datasheet HTML 7Page - NEC UPD16876 Datasheet HTML 8Page - NEC UPD16876 Datasheet HTML 9Page - NEC UPD16876 Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Data Sheet S14288EJ1V0DS
6
µµµµPD16876
POINTS OF MEASUREMENT
Output Transition Rise Time (ON)/Output Transition Fall Time (OFF)
5 V/3.3 V
CTL
90%
90%
90%
10%
VOUT
tRISE
0 V
0 V
5 V
tFALL
CTL pin: H
→L/L→H
Overcurrent Detection Delay Time/Minimum CTL High Time (LATCH = “L”)
ITH
tCTL
IOUT
VOUT
FLG
CTL
tSRISE
90%
10%
10%
tOVER
(Internal time)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com