Electronic Components Datasheet Search
  English  ▼

X  

UPD16876 Datasheet(PDF) 8 Page - NEC

Part # UPD16876
Description  SINGLE Pch HIGH-SIDE SWITCH FOR USB
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16876 Datasheet(HTML) 8 Page - NEC

Back Button UPD16876 Datasheet HTML 4Page - NEC UPD16876 Datasheet HTML 5Page - NEC UPD16876 Datasheet HTML 6Page - NEC UPD16876 Datasheet HTML 7Page - NEC UPD16876 Datasheet HTML 8Page - NEC UPD16876 Datasheet HTML 9Page - NEC UPD16876 Datasheet HTML 10Page - NEC UPD16876 Datasheet HTML 11Page - NEC UPD16876 Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Data Sheet S14288EJ1V0DS
8
µµµµPD16876
DESCRIPTION OF FUNCTIONS
1. Overcurrent Detection
This IC detects an overcurrent in a range of 0.6 to 1.25 A (0.9 A TYP.) (the USB Standard defines that an
overcurrent is 0.5 A MAX.). When the IC detects an overcurrent, the FLG pin goes low (active) and reports the result
of detection to the control IC. At this time, the switch is kept ON and the current limiter is activated. In this way, an
overcurrent status that lasts for a long time can be prevented.
By deasserted the CTL pin inactive by the control IC, the switch is turned OFF and the FLG pin goes back high.
Therefore, the CTL signal must be deasserted inactive as soon as the controller IC has detected that the FLG pin has
gone low, to avoid overheating this IC. Once the switch has been turned OFF, it turns back ON again only when the
CTL signal is asserted active while the FLG pin is high.
To prevent an inrush current being detected by mistake, a deadband time (overcurrent detection delay time) is set
to elapse before the overcurrent detector is activated. The duration of this deadband time is 20
µs TYP.
While the overcurrent limiter is activated, the power consumption of the device may abruptly increase. As a result,
the junction temperature may also rise. Make sure that the CTL signal is deasserted inactive and that the switch is
turned OFF before the absolute maximum rating is exceeded.
2. Undervoltage Lockout Circuit (UVLO)
This circuit prevents malfunctioning of the switch due to fluctuation in supply voltage.
When power is turned on (2.5 V or less TYP.) or off (2.3 V or less TYP.), the OUT and FLG pins have the following
status:
OUT: OFF
FLG:
“L” (= 0 V)
5 V
2.3 V
2.5 V
5 V
Input voltage
Output voltage
The above figure does not show the actual waveform. For the related characteristic waveform, refer to Major
Characteristic Curves.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com