Electronic Components Datasheet Search
  English  ▼

X  

SI7452DP Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI7452DP
Description  N-Channel 60-V (D-S) Fast Switching MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7452DP Datasheet(HTML) 1 Page - Vishay Siliconix

  SI7452DP Datasheet HTML 1Page - Vishay Siliconix SI7452DP Datasheet HTML 2Page - Vishay Siliconix SI7452DP Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Vishay Siliconix
SPICE Device Model Si7452DP
N-Channel 60-V (D-S) Fast Switching MOSFET
CHARACTERISTICS
• N-Channel Vertical DMOS
• Macro Model (Subcircuit Model)
• Level 3 MOS
• Apply for both Linear and Switching Application
• Accurate over the −55 to 125°C Temperature Range
• Model the Gate Charge, Transient, and Diode Reverse Recovery
Characteristics
DESCRIPTION
The attached spice model describes the typical electrical
characteristics of the n-channel vertical DMOS.
The subcircuit
model is extracted and optimized over the
−55 to 125°C
temperature ranges under the pulsed 0-V to 10-V gate drive. The
saturated output impedance is best fit at the gate bias near the
threshold voltage.
A novel gate-to-drain feedback capacitance network is used to model
the gate charge characteristics while avoiding convergence difficulties
of the switched Cgd model. All model parameter values are optimized
to provide a best fit to the measured electrical data and are not
intended as an exact physical interpretation of the device.
SUBCIRCUIT MODEL SCHEMATIC
This document is intended as a SPICE modeling guideline and does not constitute a commercial product data sheet. Designers should refer to the appropriate
data sheet of the same number for guaranteed specification limits.
1
www.vishay.com
Document Number: 72989
S-60145
Rev. B, 13-Feb-06


Similar Part No. - SI7452DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7450DP VISHAY-SI7450DP Datasheet
198Kb / 4P
N-Channel 200-V (D-S) MOSFET
13-Feb-06
SI7450DP VISHAY-SI7450DP Datasheet
162Kb / 7P
N-Channel 200 V (D-S) MOSFET
11-Feb-13
SI7450DP VISHAY-SI7450DP Datasheet
46Kb / 4P
N-Channel 200-V (D-S) MOSFET
16-Apr-01
SI7450DP-T1-E3 VISHAY-SI7450DP-T1-E3 Datasheet
162Kb / 7P
N-Channel 200 V (D-S) MOSFET
11-Feb-13
SI7450DP-T1-E3 VISHAY-SI7450DP-T1-E3 Datasheet
390Kb / 12P
N-Channel 200 V (D-S) MOSFET
29-Mar-2021
More results

Similar Description - SI7452DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7850DP VISHAY-SI7850DP Datasheet
45Kb / 4P
N-Channel 60-V (D-S) Fast Switching MOSFET
28-May-01
SI7460DP VISHAY-SI7460DP_09 Datasheet
500Kb / 12P
N-Channel 60-V (D-S) Fast Switching MOSFET
09-Feb-09
SI7850DP VISHAY-SI7850DP_09 Datasheet
485Kb / 11P
N-Channel 60-V (D-S) Fast Switching MOSFET
09-Feb-09
SI7460DP VISHAY-SI7460DP_15 Datasheet
328Kb / 13P
N-Channel 60-V (D-S) Fast Switching MOSFET
09-Feb-09
SI7850DP VISHAY-SI7850DP_15 Datasheet
313Kb / 12P
N-Channel 60-V (D-S) Fast Switching MOSFET
09-Feb-09
logo
Vishay Telefunken
SI7460DP TFUNK-SI7460DP Datasheet
332Kb / 12P
N-Channel 60-V (D-S) Fast Switching MOSFET
SI7850DP TFUNK-SI7850DP Datasheet
317Kb / 11P
N-Channel 60-V (D-S) Fast Switching MOSFET
logo
Vishay Siliconix
SI7460DP VISHAY-SI7460DP_V01 Datasheet
333Kb / 12P
N-Channel 60-V (D-S) Fast Switching MOSFET
09-Feb-09
SI7850DP VISHAY-SI7850DP_V01 Datasheet
366Kb / 12P
N-Channel 60 V (D-S) Fast Switching MOSFET
09-Feb-09
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com