Electronic Components Datasheet Search
  English  ▼

X  

DIR1703 Datasheet(PDF) 15 Page - Texas Instruments

Part # DIR1703
Description  96-kHz, 24-Bit Digital Audio Interface Receiver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DIR1703 Datasheet(HTML) 15 Page - Texas Instruments

Back Button DIR1703 Datasheet HTML 11Page - Texas Instruments DIR1703 Datasheet HTML 12Page - Texas Instruments DIR1703 Datasheet HTML 13Page - Texas Instruments DIR1703 Datasheet HTML 14Page - Texas Instruments DIR1703 Datasheet HTML 15Page - Texas Instruments DIR1703 Datasheet HTML 16Page - Texas Instruments DIR1703 Datasheet HTML 17Page - Texas Instruments DIR1703 Datasheet HTML 18Page - Texas Instruments DIR1703 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
www.ti.com
Required PLL Loop Filter Description
DIR9001
PLL Section
Charge
Pump
VCO
FILT
AGND
DGND
C2
R1
C1
DIR9001
SLES198 – DECEMBER 2006
In PLL mode (CKSEL = L), output clocks (SCKO, BCKO, LRCKO) are generated from the PLL source clock.
The relationship between frequencies of LRCKO, BCKO, and SCKO at different sampling frequencies fS of the
biphase input signal are shown in Table 4.
Table 4. Output Clock Frequency in PLL Locked State (CKSEL = L)
LRCKO
BCKO
SCKO (Depending on PSCK[1:0] Setting)
fS
64 fS
128 fS
256 fS
384 fS
512 fS
32 kHz
2.048 MHz
4.096 MHz
8.192 MHz
12.288 MHz
16.384 MHz
44.1 kHz
2.8224 MHz
5.6448 MHz
11.2896 MHz
16.9344 MHz
22.5792 MHz
48 kHz
3.072 MHz
6.144 MHz
12.288 MHz
18.432 MHz
24.576 MHz
88.2 kHz
5.6448 MHz
11.2896 MHz
22.5792 MHz
33.8688 MHz
45.1584 MHz
96 kHz
6.144 MHz
12.288 MHz
24.576 MHz
36.864 MHz
49.152 MHz
The DIR9001 incorporates a PLL for generating a clock synchronized with the biphase input signal.
The built-in PLL requires an external loop filter, which is specified as follows.
Operation and performance is assured for recommended filter components R1, C1, and C2.
Notes about Loop Filter Components and Layout
• The resistor and capacitors which comprise the filter should be located and routed as close as possible to the
DIR9001.
• A carbon film resistor or metal film resistor, with tolerance less than 5%, is recommended.
• Film capacitors, with tolerance is less than 5%, is recommended.
• If ceramic capacitors are used for C1 and C2, parts with a low voltage coefficient and low temperature
coefficient, such as CH or C0G, are recommended.
• The external loop filter must be placed on FILT pins.
• The GND node of the external loop filter must be directly connected with the AGND pin of the DIR9001; it
must be not combined with other signals.
The configuration of external loop filter and the connection with the DIR9001 is shown in Figure 8.
Figure 8. Loop Filter Connection
The recommended values of loop filter components is shown in Table 5.
Table 5. Recommended Value of Loop Filter Components
REF. NO.
RECOMMENDED VALUE
PARTS TYPE
TOLERANCE
R1
680
Ω
Metal film or carbon
≤5%
C1
0.068
µF
Film or ceramic (CH or C0G)
≤5%
C2
0.0047
µF
Film or ceramic (CH or C0G)
≤5%
15
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com