Electronic Components Datasheet Search
  English  ▼

X  

DIR1703 Datasheet(PDF) 20 Page - Texas Instruments

Part # DIR1703
Description  96-kHz, 24-Bit Digital Audio Interface Receiver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DIR1703 Datasheet(HTML) 20 Page - Texas Instruments

Back Button DIR1703 Datasheet HTML 16Page - Texas Instruments DIR1703 Datasheet HTML 17Page - Texas Instruments DIR1703 Datasheet HTML 18Page - Texas Instruments DIR1703 Datasheet HTML 19Page - Texas Instruments DIR1703 Datasheet HTML 20Page - Texas Instruments DIR1703 Datasheet HTML 21Page - Texas Instruments DIR1703 Datasheet HTML 22Page - Texas Instruments DIR1703 Datasheet HTML 23Page - Texas Instruments DIR1703 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
www.ti.com
Channel-Status Data and User Data Serial Outputs
UOUT
COUT
BFRAME
Recovered
LRCKO
(I S)
2
Recovered
LRCKO
(ExceptI S)
2
U0L
U0R
U191R
U1L
U1R
U2L
U2R
C0L
C0R
C191R
C1L
C1R
C2L
C2R
DOUT
0L
0R
191R
1L
1R
2L
2R
3L
17BCK
Channel-Status Data Information Output Terminal
DIR9001
SLES198 – DECEMBER 2006
The DIR9001 can output channel-status data and user data synchronized with audio data from the biphase input
signal.
Each output data has its own dedicated output pin.
• Channel-status data (C, hereinafter) is output through COUT pin.
• User data (U, hereinafter) is output through UOUT pin.
The C and U outputs are synchronized with LRCKO recovered from the biphase input signal.
The polarity of LRCKO recovered from the biphase input signal depends on FMT[1:0] setting.
For detecting the top of the block of channel-status data or user data, the BFRAME pin is provided.
The BFRAME pin outputs a high level for an 8-LRCK period if the preamble B is detected in the received
biphase signal.
In processing these data by a microcontroller or register circuit, LRCKO is used as the data input clock, and the
output pulse on the BFRAME pin is used as the top-of-block signal.
The relationship among LRCKO, BFRAME, DOUT, COUT, and UOUT is shown in Figure 13.
When in the XTI mode and the PLL-locked state, COUT and UOUT output L.
NOTE: The numbers 0 through 191 of DOUT, COUT, and UOUT indicate frame numbers of the biphase input.
Figure 13. LRCKO, DOUT, BFRAME, COUT, UOUT Output Timing
The DIR9001 can output part of the channel-status information (bit 1, bit 3) through two dedicated pins, AUDIO
and EMPH.
The channel-status information which can be output from dedicated pins is limited to information from the
L-channel.
If channel-status information other than AUDIO or EMPH is required, or information from the R-channel, then the
channel-status data on the COUT pin, which is synchronized with biphase input signal, can be used.
These outputs are synchronized with the top of block.
The information that can be output through the dedicated pins is shown as follows.
20
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com