Electronic Components Datasheet Search
  English  ▼

X  

STA323WTR Datasheet(PDF) 16 Page - STMicroelectronics

Part # STA323WTR
Description  2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA323WTR Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STA323WTR Datasheet HTML 12Page - STMicroelectronics STA323WTR Datasheet HTML 13Page - STMicroelectronics STA323WTR Datasheet HTML 14Page - STMicroelectronics STA323WTR Datasheet HTML 15Page - STMicroelectronics STA323WTR Datasheet HTML 16Page - STMicroelectronics STA323WTR Datasheet HTML 17Page - STMicroelectronics STA323WTR Datasheet HTML 18Page - STMicroelectronics STA323WTR Datasheet HTML 19Page - STMicroelectronics STA323WTR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
STA323W
16/41
Figure 13.
7.3.1 Delay Serial Clock Enable
7.3.2 Channel Input Mapping
Each channel received via I2S can be mapped to any internal processing channel via the Channel Input
Mapping registers. This allows for flexibility in processing. The default settings of these registers map
each I2S input channel to its corresponding processing channel.
7.4 CONFIGURATION REGISTER C (Address 02h)
7.4.1 DDX® Power Output Mode
The DDX® Power Output Mode selects how the DDX® output timing is configured. Different power de-
vices can use different output modes. The DDX-2060/2100/2160 recommended use is OM = 10. When
OM=11 the CSZ bits determine the size of the DDX® compensating pulse.
BIT
R/W
RST
NAME
DESCRIPTION
5
R/W
0
DSCKE
Delay Serial Clock Enable:
0 – No serial clock delay
1 – Serial clock delay by 1 core clock cycle to tolerate
anomalies in some I2S master devices
BIT
R/W
RST
NAME
DESCRIPTION
6R/W
0
C1IM
0 – Processing channel 1 receives Left I2S Input
1 – Processing channel 1 receives Right I2S Input
7R/W
1
C2IM
0 – Processing channel 2 receives Left I2S Input
1 – Processing channel 2 receives Right I2S Input
D7
D6
D5
D4
D3
D2
D1
D0
CSZ4
CSZ3
CSZ2
CSZ1
CSZ0
OM1
OM0
100
00
1
0
BIT
R/W
RST
NAME
DESCRIPTION
1...0
R/W
10
OM (1...0)
DDX Power Output Mode:
Selects configuration of DDX® output.
BICKI
T0
T1
LRCKI
T2
T3
SDI
T4
T5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com