Electronic Components Datasheet Search
  English  ▼

X  

STA323WTR Datasheet(PDF) 20 Page - STMicroelectronics

Part # STA323WTR
Description  2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA323WTR Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STA323WTR Datasheet HTML 16Page - STMicroelectronics STA323WTR Datasheet HTML 17Page - STMicroelectronics STA323WTR Datasheet HTML 18Page - STMicroelectronics STA323WTR Datasheet HTML 19Page - STMicroelectronics STA323WTR Datasheet HTML 20Page - STMicroelectronics STA323WTR Datasheet HTML 21Page - STMicroelectronics STA323WTR Datasheet HTML 22Page - STMicroelectronics STA323WTR Datasheet HTML 23Page - STMicroelectronics STA323WTR Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
STA323W
20/41
7.6.5 Zero-Crossing Volume Enable
The ZCE bit enables zero-crossing volume adjustments. When volume is adjusted on digital zero-cross-
ings no clicks will be audible.
7.6.6 Soft Volume Update Enable
The STA323W includes a soft volume algorithm that will step through the intermediate volume values at
a predetermined rate when a volume change occurs. By setting SVE=0 this can be bypassed and volume
changes will jump from old to new value directly. This feature is only available if individual channel volume
bypass bit is set to ‘0’.
7.7 Configuration Register F (Address 05h)
7.7.1 Output Configuration Selection
Table 15. Output Configuration Selections
7.7.2 nvalid Input Detect Mute Enable
Setting the IDE bit enables this function, which looks at the input I2S data and clocking and will automati-
cally mute all outputs if the signals are perceived as invalid.
BIT
R/W
RST
NAME
DESCRIPTION
6
R/W
1
ZCE
Zero-Crossing Volume Enable:
1 – Volume adjustments will only occur at digital zero-crossings
0 – Volume adjustments will occur immediately
BIT
R/W
RST
NAME
DESCRIPTION
7
R/W
1
SVE
Soft Volume Enable:
1 – Volume adjustments will use soft volume
0 – Volume adjustments will occur immediately
D7
D6
D5
D4
D3
D2
D1
D0
EAPD
PWDN
ECLE
RES
BCLE
IDE
OCFG1
OCFG0
0
1
011
1
1
0
BIT
R/W
RST
NAME
DESCRIPTION
1…0
R/W
00
OCFG
(1…0)
Output Configuration Selection
00 – 2-channel (Full-bridge) Power, 1-channel DDX is default
OCFG (1...0)
Output Power Configuration
00
2 Channel (Full-Bridge) Power, 1 Channel DDX:
1A/1B
◊ 1A/1B
2A/2B
◊ 2A/2B
01
2(Half-Bridge).1(Full-Bridge) On-Board Power:
1A
◊ 1A
Binary
2A
◊ 1B
Binary
3A/3B
◊ 2A/2B Binary
10
Reserved
11
1 Channel Mono-Parallel:
3A
◊ 1A/1B
3B
◊ 2A/2B
BIT
R/W
RST
NAME
DESCRIPTION
2
R/W
1
IDE
Invalid Input Detect Auto-Mute Enable:
0 – Disabled
1 – Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com