Electronic Components Datasheet Search
  English  ▼

X  

NJ8821 Datasheet(PDF) 3 Page - General Electric Company

Part # NJ8821
Description  FREQUENCY SYNTHESISER (MICROPROCESSOR INTERFACE) WITH RESETTABLE COUNTERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEC [General Electric Company]
Direct Link  http://www.ge.com
Logo GEC - General Electric Company

NJ8821 Datasheet(HTML) 3 Page - General Electric Company

  NJ8821 Datasheet HTML 1Page - General Electric Company NJ8821 Datasheet HTML 2Page - General Electric Company NJ8821 Datasheet HTML 3Page - General Electric Company NJ8821 Datasheet HTML 4Page - General Electric Company NJ8821 Datasheet HTML 5Page - General Electric Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NJ8821
PIN DESCRIPTIONS
Name
Description
Analog output from the sample and hold phase comparator for use as a ‘fine’ error signal. Output at
(VDD2VSS)/2 when the system is in lock. Voltage increases as fv phase lead increases; voltage
decreases as fr phase lead increases. Output is linear over only a narrow phase window, determined
by gain (programmed by RB).
Three-state output from the phase/frequency detector for use as a ‘coarse’ error signal.
fv. fr or fv leading: positive pulses with respect to the bias point VBIAS
fv , fr or fr leading: negative pulses with respect to the bias point VBIAS
fv = fr and phase error within PDA window: high impedance.
An open-drain lock detect output at low level when phase error is within PDA window (in lock); high
impedance at all other times.
The input to the main counters, normally driven from a prescaler, which may be AC-coupled or, when
a full logic swing is available, may be DC-coupled.
Negative supply (ground).
Positive supply.
These pins form an on-chip reference oscillator when a series resonant crystal is connected across
them. Capacitors of appropriate value are also required between each end of the crystal and ground
to provide the necessary additional phase shift. An external reference signal may, alternatively, be
applied to OSC IN. This may be a low-level signal, AC-coupled, or if a full logic swing is available it may
be DC-coupled. The program range of the reference counter is 3 to 2047, with the division ratio being
twice the programmed number.
Data on these inputs is transferred to the internal data latches during the appropriate data read time
slot. D3 is MSB, D0 is LSB.
No connection
This pin is used as a strobe for the data. A logic ‘1’ on this pin transfers data from the D0-D3 pins to
the internal latch addressed by the data select (DS0-DS2) pins . A logic ‘0’ disables the data inputs.
Data select inputs for addressing the internal data latches
Modulus control output for controlling an external dual-modulus prescaler. MC will be low at the beginning
of a count cycle and will remain low until the ‘A’ counter completes its cycle. MC then goes high and
remains high until the ‘M’ counter completes its cycle, at which point both ‘A’ and ‘M’ counters are reset.
This gives a total division ratio of
MP1A, where P and P11 represent the dual-modulus prescaler
values. The program range of the ‘A’ counter is 0-127 and therefore can control prescalers with a
division ratio up to and including 4128/129. The programming range of the ‘M’ counter is 8-1023
and, for correct operation,
M>A. Where every possible channel is required, the minimum total division
ratio should be
P 22P.
An external sample and hold phase comparator gain programming resistor should be connected
between this pin and VSS.
An external hold capacitor should be connected between this pin and VSS.
PDA
PDB
LD
FIN
VSS
VDD
OSC IN/
OSC OUT
D0-D3
NC
PE
DS0-DS2
MC
RB
CH
3
Pin no.
1
2
3
4
5
6
7, 8
9,10, 11, 12
13
14
15, 16, 17
18
19
20
Fig. 3 Typical supply current v. input frequency
Fig. 4 Typical supply current v. input level, OSC IN
VDD = 5V
OSC IN, FIN = 0V TO 5V SQUARE WAVE
FIN
OSC IN
INPUT FREQUENCY (MHz)
1
2
3
4
5
6
7
8
9
10
2·0
1·5
1·0
0·5
TOTAL SUPPLY CURRENT IS
THE SUM OF THAT DUE TO FIN
AND OSC IN
INPUT LEVEL (V RMS)
0·2
0·4
0·6
0·8
1·0
1·2
1·4
1·6
8
7
6
5
4
3
2
1
VDD = 5V
FIN = LOW FREQUENCY
0V TO 5V SQUARE WAVE
10MHz
1MHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com