Electronic Components Datasheet Search
  English  ▼

X  

MAX706AS Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX706AS
Description  3V Voltage Monitoring, Low-Cost uP Supervisory Circuits
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX706AS Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX706AS Datasheet HTML 6Page - Maxim Integrated Products MAX706AS Datasheet HTML 7Page - Maxim Integrated Products MAX706AS Datasheet HTML 8Page - Maxim Integrated Products MAX706AS Datasheet HTML 9Page - Maxim Integrated Products MAX706AS Datasheet HTML 10Page - Maxim Integrated Products MAX706AS Datasheet HTML 11Page - Maxim Integrated Products MAX706AS Datasheet HTML 12Page - Maxim Integrated Products MAX706AS Datasheet HTML 13Page - Maxim Integrated Products MAX706AS Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
+3V Voltage Monitoring, Low-Cost µP
Supervisory Circuits
10
______________________________________________________________________________________
Ordering Information (continued)
Chip Information
PROCESS: CMOS
sees 1.25V when VIN falls to the desired trip point
(VTRIP). Resistor R3 adds hysteresis. R3 will typically
be an order of magnitude greater than R1 and R2. The
current through R1 and R2 should be at least 1µA to
ensure that the 25nA (max) PFI input current does not
shift the trip point significantly. R3 should be larger than
10kΩ to prevent it from loading down the PFO pin.
Capacitor C1 adds noise rejection.
Monitoring a Negative Voltage
The power-fail comparator can be used to monitor a
negative supply voltage using the circuit of Figure 8.
When the negative supply is valid, PFO is low. When
the negative supply voltage drops, PFO goes high. This
circuit’s accuracy is affected by the PFI threshold toler-
ance, the VCC voltage, and resistors R1 and R2.
Bypassing VCC
For noisy systems, bypass VCC with a 0.1µF capacitor
to GND.
PART
†
TEMP
RANGE
PIN-
PACKAGE
PKG
CODE
MAX706PEUA
-40°C to +85°C
8 µMAX
U8-1
MAX706PMJA
-55°C to +125°C 8 CERDIP*
J8-2
MAX706RCPA
0°C to +70°C
8 Plastic Dip
P8-1
MAX706RCSA
0°C to +70°C
8 SO
S8-2
MAX706RCUA
0°C to +70°C
8 µMAX
U8-1
MAX706REPA
-40°C to +85°C
8 Plastic Dip
P8-1
MAX706RESA
-40°C to +85°C
8 SO
S8-2
MAX706REUA
-40°C to +85°C
8 µMAX
U8-1
MAX706RMJA
-55°C to +125°C 8 CERDIP*
J8-2
MAX706SCPA
0°C to +70°C
8 Plastic Dip
P8-1
MAX706SCSA
0°C to +70°C
8 SO
S8-2
MAX706SCUA
0°C to +70°C
8 µMAX
U8-1
MAX706SEPA
-40°C to +85°C
8 Plastic Dip
P8-1
MAX706SESA
-40°C to +85°C
8 SO
S8-2
MAX706SEUA
-40°C to +85°C
8 µMAX
U8-1
MAX706SMJA
-55°C to +125°C 8 CERDIP*
J8-2
MAX706TCPA
0°C to +70°C
8 Plastic Dip
P8-1
MAX706TCSA
0°C to +70°C
8 SO
S8-2
MAX706TCUA
0°C to +70°C
8 µMAX
U8-1
MAX706TEPA
-40°C to +85°C
8 Plastic Dip
P8-1
MAX706TESA
-40°C to +85°C
8 SO
S8-2
MAX706TEUA
-40°C to +85°C
8 µMAX
U8-1
MAX706TMJA
-55°C to +125°C 8 CERDIP*
J8-2
MAX706APEPA
-40°C to +85°C
8 Plastic Dip
P8-1
MAX706APESA
-40°C to +85°C
8 SO
S8-2
MAX706APEUA
-40°C to +85°C
8 µMAX
U8-1
MAX706AREPA
-40°C to +85°C
8 Plastic Dip
P8-1
MAX706ARESA
-40°C to +85°C
8 SO
S8-2
MAX706AREUA
-40°C to +85°C
8µMAX
U8-1
MAX706ASEPA
-40°C to +85°C
8 Plastic Dip
P8-1
PART
†
TEMP
RANGE
PIN-
PACKAGE
PKG
CODE
MAX706ASESA
-40°C to +85°C
8 SO
S8-2
MAX706ASEUA
-40°C to +85°C
8 µMAX
U8-1
MAX706ATEPA
-40°C to +85°C
8 Plastic Dip
P8-1
MAX706ATESA
-40°C to +85°C
8 SO
S8-2
MAX706ATEUA
-40°C to +85°C
8 µMAX
U8-1
MAX708RCPA
0°C to +70°C
8 Plastic Dip
P8-1
MAX708RCSA
0°C to +70°C
8 SO
S8-2
MAX708RCUA
0°C to +70°C
8 µMAX
U8-1
MAX708REPA
-40°C to +85°C
8 Plastic Dip
P8-1
MAX708RESA
-40°C to +85°C
8 SO
S8-2
MAX708REUA
-40°C to +85°C
8 µMAX
U8-1
MAX708RMJA
-55°C to +125°C
8 CERDIP*
J8-2
MAX708SCPA
0°C to +70°C
8 Plastic Dip
P8-1
MAX708SCSA
0°C to +70°C
8 SO
S8-2
MAX708SCUA
0°C to +70°C
8 µMAX
U8-1
MAX708SEPA
-40°C to +85°C
8 Plastic Dip
P8-1
MAX708SESA
-40°C to +85°C
8 SO
S8-2
MAX708SEUA
-40°C to +85°C
8 µMAX
U8-1
MAX708SMJA
-55°C to +125°C
8 CERDIP*
J8-2
MAX708TCPA
0°C to +70°C
8 Plastic Dip
P8-1
MAX708TCSA
0°C to +70°C
8 SO
S8-2
MAX708TCUA
0°C to +70°C
8 µMAX
U8-1
MAX708TEPA
-40°C to +85°C
8 Plastic Dip
P8-1
MAX708TESA
-40°C to +85°C
8 SO
S8-2
MAX708TEUA
-40°C to +85°C
8 µMAX
U8-1
MAX708TMJA
-55°C to +125°C
8 CERDIP*
J8-2
†SO, µMAX, and PDIP packages are available in lead-free.
*Contact factory for availability and processing to MIL-STD-883.
**Future product—contact factory for availability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com