Electronic Components Datasheet Search
  English  ▼

X  

BQ2011SN Datasheet(PDF) 1 Page - Texas Instruments

Part # BQ2011SN
Description  Gas Gauge IC for High Discharge Rates
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2011SN Datasheet(HTML) 1 Page - Texas Instruments

  BQ2011SN Datasheet HTML 1Page - Texas Instruments BQ2011SN Datasheet HTML 2Page - Texas Instruments BQ2011SN Datasheet HTML 3Page - Texas Instruments BQ2011SN Datasheet HTML 4Page - Texas Instruments BQ2011SN Datasheet HTML 5Page - Texas Instruments BQ2011SN Datasheet HTML 6Page - Texas Instruments BQ2011SN Datasheet HTML 7Page - Texas Instruments BQ2011SN Datasheet HTML 8Page - Texas Instruments BQ2011SN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Features
➤ Conservative and repeatable
measurement of available charge
in rechargeable batteries
➤ Designed for portable equipment
such as power tools with high dis-
charge rates
➤ Designed for battery pack inte-
gration
- 120µA typical standby current
(self-discharge estimation mode)
- Small size enables imple-
mentations in as little as 1
2
square inch of PCB
➤ Direct drive of LEDs for capacity
display
➤ Self-discharge compensation us-
ing internal temperature sensor
➤ Simple single-wire serial commu-
nications port for subassembly
testing
➤ 16-pin narrow SOIC
General Description
The bq2011 Gas Gauge IC is intended
for battery-pack installation to main-
tain an accurate record of available
battery charge. The IC monitors a
voltage drop across a sense resistor
connected in series between the nega-
tive battery terminal and ground to
determine charge and discharge ac-
tivity of the battery. The bq2011 is
designed for systems such as power
tools with very high discharge rates.
Battery self-discharge is estimated
based on an internal timer and tem-
perature sensor. Compensations for
battery temperature and rate of
charge or discharge are applied to
the c harge , disc harge , and
selfdischarge calculations to provide
available charge information across
a wide range of operating conditions.
Initial battery capacity is set using
the PFC and MODE pins.
Actual
battery capacity is automatically
“learned” in the course of a dis-
charge cycle from full to empty and
may be displayed depending on the
display mode.
Nominal available charge may be di-
rectly indicated using a five-seg-
ment LED display. These segments
are used to indicate graphically the
nominal available charge.
The bq2011 supports a simple single-
line bidirectional serial link to an exter-
nal processor (common ground). The
bq2011 outputs battery information in
response to external commands over the
serial link. To support subassembly
testing, the outputs may also be con-
trolled by command. The external proc-
essor may also overwrite some of the
bq2011 gas gauge data registers.
The bq2011 may operate directly
from four cells. With the REF output
and an external transistor, a simple,
inexpensive regulator can be built to
provide VCC from a greater number
of cells.
Internal registers include available
charge, temperature, capacity, battery
ID, and battery status.
1
Gas Gauge IC for
High Discharge Rates
2/96 E
Pin Connections
Pin Names
1
PN201101.eps
16-Pin Narrow SOIC
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VCC
REF
NC
DQ
RBI
SB
DISP
SR
MODE
SEG1
SEG2
SEG3
SEG4
SEG5
PFC
VSS
MODE
Display mode output
SEG1
LED segment 1
SEG2
LED segment 2
SEG3
LED segment 3
SEG4
LED segment 4
SEG5
LED segment 5
PFC
Programmed full count
selection input
REF
Voltage reference output
NC
No connect
DQ
Serial communications
input/output
RBI
Register backup input
SB
Battery sense input
DISP
Display control input
SR
Sense resistor input
VCC
3.0–6.5V
VSS
Negative battery terminal
bq2011


Similar Part No. - BQ2011SN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2011SN- TI-BQ2011SN- Datasheet
181Kb / 20P
Gas Gauge IC for High Discharge Rates
BQ2011SN-D118 TI1-BQ2011SN-D118 Datasheet
603Kb / 26P
Gas Gauge IC for High Discharge Rates
BQ2011SN-D118TR TI1-BQ2011SN-D118TR Datasheet
603Kb / 26P
Gas Gauge IC for High Discharge Rates
BQ2011SN-D118TR TI2-BQ2011SN-D118TR Datasheet
338Kb / 24P
Gas Gauge IC for High Discharge Rates
23-May-2025
BQ2011SN-D118TR.B TI2-BQ2011SN-D118TR.B Datasheet
338Kb / 24P
Gas Gauge IC for High Discharge Rates
23-May-2025
More results

Similar Description - BQ2011SN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2010 TI-BQ2010 Datasheet
185Kb / 20P
Gas Gauge IC
BQ2011 TI-BQ2011 Datasheet
181Kb / 20P
Gas Gauge IC for High Discharge Rates
BQ2011K TI-BQ2011K Datasheet
175Kb / 20P
Gas Gauge IC for High Discharge Rates
BQ2111L TI-BQ2111L Datasheet
742Kb / 7P
NiCd Gas Gauge Module with LEDs for High Discharge Rates
BQ2016 TI-BQ2016 Datasheet
291Kb / 21P
GAS GAUGE IC FOR HIGH DISCHARGE RATES
BQ2010 TI1-BQ2010_15 Datasheet
1Mb / 26P
Gas Gauge IC
BQ2011 TI1-BQ2011_15 Datasheet
603Kb / 26P
Gas Gauge IC for High Discharge Rates
BQ2011K TI1-BQ2011K_11 Datasheet
234Kb / 22P
Gas Gauge IC for High Discharge Rates
BQ2016 TI1-BQ2016_15 Datasheet
401Kb / 25P
GAS GAUGE IC FOR HIGH DISCHARGE RATES
BQ2052 TI1-BQ2052_15 Datasheet
629Kb / 20P
Gas Gauge IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com