Electronic Components Datasheet Search
  English  ▼

X  

BQ2011SN Datasheet(PDF) 19 Page - Texas Instruments

Part # BQ2011SN
Description  Gas Gauge IC for High Discharge Rates
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2011SN Datasheet(HTML) 19 Page - Texas Instruments

Back Button BQ2011SN Datasheet HTML 13Page - Texas Instruments BQ2011SN Datasheet HTML 14Page - Texas Instruments BQ2011SN Datasheet HTML 15Page - Texas Instruments BQ2011SN Datasheet HTML 16Page - Texas Instruments BQ2011SN Datasheet HTML 17Page - Texas Instruments BQ2011SN Datasheet HTML 18Page - Texas Instruments BQ2011SN Datasheet HTML 19Page - Texas Instruments BQ2011SN Datasheet HTML 20Page - Texas Instruments BQ2011SN Datasheet HTML 21Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
19
bq2011
Ordering Information
bq2011
Package Option:
SN = 16-pin narrow SOIC
Device:
bq2011 Gas Gauge IC
Temperature Range:
blank = Commercial (0 to +70°C)
Data Sheet Revision History
Change No. Page No.
Description
Nature of Change
3
7
Self-discharge count rate
Was:
1
64 * NAC rate per day
Is:
1
80 * NAC rate per day
3
7
Compensation factor 30–40°C
Was:
0.90
Is:
0.95
3
7
Compensation factor >40°C
Was:
0.80
Is:
0.90
4
7
Charge compensation
Changed compensation factor variation with temperature
4
8
Self-discharge compensation
Changed self-discharge compensation rate variation with
temperature
Notes:
Changes 1 and 2 = See the 1995 Data Book.
Change 3 = Jan. 1996 D changes from July 1994 C.
Change 4 = Feb. 1996 E changes from Jan. 1996 D.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com