Electronic Components Datasheet Search
  English  ▼

X  

HC191M Datasheet(PDF) 12 Page - Texas Instruments

Part # HC191M
Description  SYNCHRONOUS UP/DOWN COUNTERS WITH DOWN/UP MODE CONTROL
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

HC191M Datasheet(HTML) 12 Page - Texas Instruments

Back Button HC191M Datasheet HTML 8Page - Texas Instruments HC191M Datasheet HTML 9Page - Texas Instruments HC191M Datasheet HTML 10Page - Texas Instruments HC191M Datasheet HTML 11Page - Texas Instruments HC191M Datasheet HTML 12Page - Texas Instruments HC191M Datasheet HTML 13Page - Texas Instruments HC191M Datasheet HTML 14Page - Texas Instruments HC191M Datasheet HTML 15Page - Texas Instruments HC191M Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
CD54HC190, CD74HC190
CD54HC191, CD74HC191, CD54HCT191, CD74HCT191
SYNCHRONOUS UP/DOWN COUNTERS WITH DOWN/UP MODE CONTROL
SCHS275E − MARCH 2002 − REVISED OCTOBER 2003
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
’HC190, ’HC191
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
TA = −55°C
TO 125
°C
TA = −40°C
TO 85
°C
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
1.9
1.9
1.9
IOH = −20 µA
4.5 V
4.4
4.4
4.4
VOH
VI = VIH or VIL
IOH = −20 µA
6 V
5.9
5.9
5.9
V
VOH
VI = VIH or VIL
IOH = −4 mA
4.5 V
3.98
3.7
3.84
V
IOH = −5.2 mA
6 V
5.48
5.2
5.34
2 V
0.1
0.1
0.1
IOL = 20 µA
4.5 V
0.1
0.1
0.1
VOL
VI = VIH or VIL
IOL = 20 µA
6 V
0.1
0.1
0.1
V
VOL
VI = VIH or VIL
IOL = 4 mA
4.5 V
0.26
0.4
0.33
V
IOL = 5.2 mA
6 V
0.26
0.4
0.33
II
VI = VCC or 0
6 V
±0.1
±1
±1
µA
ICC
VI = VCC or 0,
IO = 0
6 V
8
160
80
µA
Ci
10
10
10
pF
’HCT191
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
TA = −55°C
TO 125
°C
TA = −40°C
TO 85
°C
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
VOH
VI = VIH or VIL
IOH = −20 µA
4.5 V
4.4
4.4
4.4
V
VOH
VI = VIH or VIL
IOH = −4 mA
4.5 V
3.98
3.7
3.84
V
VOL
VI = VIH or VIL
IOL = 20 µA
4.5 V
0.1
0.1
0.1
V
VOL
VI = VIH or VIL
IOL = 4 mA
4.5 V
0.26
0.4
0.33
V
II
VI = VCC to GND
5.5 V
±0.1
±1
±1
µA
ICC
VI = VCC or 0,
IO = 0
5.5 V
8
160
80
µA
∆ICC†
One input at VCC − 2.1 V,
Other inputs at 0 or VCC
4.5 V to 5.5 V
100
360
490
450
µA
Ci
10
10
10
pF
† Additional quiescent supply current per input pin, TTL inputs high, 1 unit load
HCT INPUT LOADING TABLE
INPUTS
UNIT LOADS
A-D
0.4
CLK
1.5
LOAD
1.5
D/U
1.2
CTEN
1.5
Unit load is
nICC limit specified in electrical
characteristics table, (e.g., 360
µA max at 25°C).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com