Electronic Components Datasheet Search
  English  ▼

X  

HC191M Datasheet(PDF) 14 Page - Texas Instruments

Part # HC191M
Description  SYNCHRONOUS UP/DOWN COUNTERS WITH DOWN/UP MODE CONTROL
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

HC191M Datasheet(HTML) 14 Page - Texas Instruments

Back Button HC191M Datasheet HTML 10Page - Texas Instruments HC191M Datasheet HTML 11Page - Texas Instruments HC191M Datasheet HTML 12Page - Texas Instruments HC191M Datasheet HTML 13Page - Texas Instruments HC191M Datasheet HTML 14Page - Texas Instruments HC191M Datasheet HTML 15Page - Texas Instruments HC191M Datasheet HTML 16Page - Texas Instruments HC191M Datasheet HTML 17Page - Texas Instruments HC191M Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
CD54HC190, CD74HC190
CD54HC191, CD74HC191, CD54HCT191, CD74HCT191
SYNCHRONOUS UP/DOWN COUNTERS WITH DOWN/UP MODE CONTROL
SCHS275E − MARCH 2002 − REVISED OCTOBER 2003
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
’HC190, ’HC191
switching characteristics over recommended operating free-air temperature range (unless
otherwise noted) (see Figure 4)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
VCC
TA = 25°C
TA = −55°C
TO 125
°C
TA = −40°C
TO 85
°C
UNIT
PARAMETER
(INPUT)
(OUTPUT)
CAPACITANCE
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
6
4
5
fmax
4.5 V
30
20
25
MHz
fmax
6 V
35
23
29
MHz
2 V
195
295
245
LOAD
Q
CL = 50 pF
4.5 V
39
59
49
LOAD
Q
CL = 50 pF
6 V
33
50
42
CL = 15 pF
5 V
16
2 V
175
265
220
A, B, C,
Q
CL = 50 pF
4.5 V
35
53
44
A, B, C,
or D
Q
CL = 50 pF
6 V
30
45
37
or D
CL = 15 pF
5 V
14
2 V
170
255
215
CLK
Q
CL = 50 pF
4.5 V
34
51
43
CLK
Q
CL = 50 pF
6 V
29
43
37
CL = 15 pF
5 V
14
2 V
125
190
155
CLK
RCO
CL = 50 pF
4.5 V
25
38
31
CLK
RCO
CL = 50 pF
6 V
21
32
26
tpd
CL = 15 pF
5 V
10
ns
tpd
2 V
210
315
265
ns
CLK
MAX/MIN
CL = 50 pF
4.5 V
42
63
53
CLK
MAX/MIN
CL = 50 pF
6 V
36
54
45
CL = 15 pF
5 V
18
2 V
150
225
190
D/U
RCO
CL = 50 pF
4.5 V
30
45
38
D/U
RCO
CL = 50 pF
6 V
26
38
33
CL = 15 pF
5 V
12
2 V
165
250
205
D/U
MAX/MIN
CL = 50 pF
4.5 V
33
50
41
D/U
MAX/MIN
CL = 50 pF
6 V
28
43
35
CL = 15 pF
5 V
13
2 V
125
190
155
CTEN
RCO
CL = 50 pF
4.5 V
25
38
31
CTEN
RCO
CL = 50 pF
6 V
21
32
26
CL = 15 pF
5 V
10
2 V
75
110
95
tt
Any
CL = 50 pF
4.5 V
15
22
19
ns
tt
Any
CL = 50 pF
6 V
13
19
16
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com