Electronic Components Datasheet Search
  English  ▼

X  

M27W801 Datasheet(PDF) 9 Page - STMicroelectronics

Part # M27W801
Description  8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27W801 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M27W801 Datasheet HTML 5Page - STMicroelectronics M27W801 Datasheet HTML 6Page - STMicroelectronics M27W801 Datasheet HTML 7Page - STMicroelectronics M27W801 Datasheet HTML 8Page - STMicroelectronics M27W801 Datasheet HTML 9Page - STMicroelectronics M27W801 Datasheet HTML 10Page - STMicroelectronics M27W801 Datasheet HTML 11Page - STMicroelectronics M27W801 Datasheet HTML 12Page - STMicroelectronics M27W801 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
M27W801
Device operation
9/24
2.4
System considerations
The power switching characteristics of Advanced CMOS EPROMs require careful
decoupling of the devices. The supply current, ICC, has three segments that are of interest to
the system designer: the standby current level, the active current level, and transient current
peaks that are produced by the falling and rising edges of E. The magnitude of the transient
current peaks is dependent on the capacitive and inductive loading of the device at the
output. The associated transient voltage peaks can be suppressed by complying with the
two line output control and by properly selected decoupling capacitors. It is recommended
that a 0.1µF ceramic capacitor be used on every device between VCC and VSS. This should
be a high frequency capacitor of low inherent inductance and should be placed as close to
the device as possible. In addition, a 4.7µF bulk electrolytic capacitor should be used
between VCC and VSS for every eight devices. The bulk capacitor should be located near the
power supply connection point. The purpose of the bulk capacitor is to overcome the voltage
drop caused by the inductive effects of PCB traces.
2.5
Programming
The M27W801 has been designed to be fully compatible with the M27C801 and has the
same electronic signature. As a result the M27W801 can be programmed as the M27C801
on the same programming equipment applying 12.75V on VPP and 6.25V on VCC by the use
of the same PRESTO IIB algorithm. When delivered (and after each ‘1’s erasure for UV
EPROM), all bits of the M27W801 are in the "1" state. Data is introduced by selectively
programming "0"s into the desired bit locations.Although only '0' will be programmed, both
"1" and "0" can be present in the data word. The only way to change a ‘0’ to a ‘1’ is by die
exposure to ultraviolet light (UV EPROM). The M27W801 is in the programming mode when
VPP input is at 12.75V and E is pulsed to VIL. The data to be programmed is applied to 8 bits
in parallel to the data output pins. The levels required for the address and data inputs are
TTL. VCC is specified to be 6.25V ± 0.25V.
2.6
PRESTO IIB programming algorithm
PRESTO IIB Programming Algorithm allows the whole array to be programmed with a
guaranteed margin, in a typical time of 52.5 seconds. This can be achieved with
STMicroelectronics M27W801 due to several design innovations to improve programming
efficiency and to provide adequate margin for reliability. Before starting the programming the
internal MARGIN MODE circuit must be set in order to guarantee that each cell is
programmed with enough margin. Then a sequence of 50µs program pulses are applied to
each byte until a correct verify occurs (see Figure 5). No overprogram pulses are applied
since the verify in MARGIN MODE at VCC much higher than 3.6V, provides the necessary
margin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com