Electronic Components Datasheet Search
  English  ▼

X  

M27W801 Datasheet(PDF) 19 Page - STMicroelectronics

Part # M27W801
Description  8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27W801 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button M27W801 Datasheet HTML 15Page - STMicroelectronics M27W801 Datasheet HTML 16Page - STMicroelectronics M27W801 Datasheet HTML 17Page - STMicroelectronics M27W801 Datasheet HTML 18Page - STMicroelectronics M27W801 Datasheet HTML 19Page - STMicroelectronics M27W801 Datasheet HTML 20Page - STMicroelectronics M27W801 Datasheet HTML 21Page - STMicroelectronics M27W801 Datasheet HTML 22Page - STMicroelectronics M27W801 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
M27W801
Package mechanical
19/24
Figure 12.
PDIP32 - 32 pin Plastic DIP, 600 mils width, package outline
1.
Drawing is not to scale.
Table 13.
PDIP32 – 32 pin Plastic DIP, 600 mils width, package mechanical data
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A4.83
0.190
A1
0.38
0.015
A2
3.81
0.150
b
0.41
0.53
0.016
0.021
b1
1.14
1.65
0.045
0.065
c
0.23
0.38
0.009
0.015
D
41.78
42.29
1.645
1.665
D2
38.10–
–1.500
–
–
eA
15.24
–
–
0.600
–
–
e2.54–
–
0.100
–
–
E
15.24
15.88
0.600
0.625
E1
13.46
13.97
0.530
0.550
S
1.65
2.21
0.065
0.087
L
3.05
3.56
0.120
0.140
α
0°
15°
0°
15°
N32
32
PDIP-C
A2
A1
A
L
b1
b
e
D
S
E1
E
N
1
c
α
eA
D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com