Electronic Components Datasheet Search
  English  ▼

X  

UPD75004 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # UPD75004
Description  MOS INTEGRATED CIRCUIT
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD75004 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button UPD75004 Datasheet HTML 9Page - Renesas Technology Corp UPD75004 Datasheet HTML 10Page - Renesas Technology Corp UPD75004 Datasheet HTML 11Page - Renesas Technology Corp UPD75004 Datasheet HTML 12Page - Renesas Technology Corp UPD75004 Datasheet HTML 13Page - Renesas Technology Corp UPD75004 Datasheet HTML 14Page - Renesas Technology Corp UPD75004 Datasheet HTML 15Page - Renesas Technology Corp UPD75004 Datasheet HTML 16Page - Renesas Technology Corp UPD75004 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 68 page
background image
µPD75004, 75006, 75008
11
TI0
PTO0
PCL
BUZ
SCK
SO/SB0
SI/SB1
INT4
INT0
INT1
INT2
KR0-KR3
KR4-KR7
P13
P20
P22
P23
P01
P02
P03
P00
P10
P11
P12
P60-P63
P70-P73
Input
Input
Input
Input
Input
Input
Input
Input
Input
Input
Input
Input
B -C
E-B
E-B
E-B
F -A
F -B
M -C
B
B -C
B -C
F -A
F -A
Pin Name Input/Output
Also Served
As
Functon
When Reset
Input/
Output
Circuit
TYPE*1
3.2
NON PORT PINS
Timer/event counter external event pulse Input
Timer/event counter output
Clock output
Fixed frequency output (for buzzer or for trim-
ming the system clock)
Serial clock input/output
Serial data output
Serial bus input/output
Serial data input
Serial bus input/output
Edge detection vector interrupt input (both
rising and falling edge detection are effective)
Edge detection vector
interrupt input (detection
edge can be selected)
Edge detection testable
input (rising edge detection)
Clock synchronous
Asynchronous
Asynchronous
X1, X2
RESET
NC *2
VDD
VSS
Input
—
Input
—
—
—
—
—
—
—
B
—
—
—
—
—
—
—
Input
—
—
*1: Circles indicate Schmitt trigger inputs.
2: When sharing the printed circut board with the
µPD75P008, the NC pin must be directly
connected to VDD.
Input
Input/
Output
Input/
Output
Input/
Output
Input/
Output
Input/
Output
Input/
Output
Input
Input
Input
Input/
Output
Input/
Output
XT1
XT2
—
Input
—
Input
—
Parallel falling edge detection testable input
Parallel falling edge detection testable input
To connect the crystal/ceramic oscillator to the
main system clock generator. When inputting the
external clock, input the external clock to pin X1,
and the reverse phase of the external clock to pin
X2.
To connect the crystal oscillator to the subsystem
clock generator.
When the external clock is used, pin XT1 inputs
the external clock. In this case, pin XT2 must be
left open.
System reset input
No connection
Positive power supply
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com