Electronic Components Datasheet Search
  English  ▼

X  

UPD77115 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # UPD77115
Description  MOS INTEGRATED CIRCUIT
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD77115 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button UPD77115 Datasheet HTML 35Page - Renesas Technology Corp UPD77115 Datasheet HTML 36Page - Renesas Technology Corp UPD77115 Datasheet HTML 37Page - Renesas Technology Corp UPD77115 Datasheet HTML 38Page - Renesas Technology Corp UPD77115 Datasheet HTML 39Page - Renesas Technology Corp UPD77115 Datasheet HTML 40Page - Renesas Technology Corp UPD77115 Datasheet HTML 41Page - Renesas Technology Corp UPD77115 Datasheet HTML 42Page - Renesas Technology Corp UPD77115 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 58 page
background image
Data Sheet U14867EJ5V0DS
37
µPD77115, 77115A
Reset, Interrupt
Timing requirements
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
RESET low-level width
tw (RL)
6 tcC
Note
ns
WAKEUP low-level width
tw (WAKEUPL)
6 tcC
µs
INT1 to INT4 low-level width
tw (INTL)
3 tcC
Note
ns
INT1 to INT4 recovery time
trec (INT)
3 tcC
ns
Note
Note that tcC is I (I = integer of 1 to 16) times that during normal operation in the HALT mode.
Reset timing
RESET
tw(RL)
WAKEUP timing
WAKEUP
tw (WAKEUPL)
Interrupt timing
INT1 to INT4
tw(INTL)
trec(INT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com