Electronic Components Datasheet Search
  English  ▼

X  

UPD77115 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # UPD77115
Description  MOS INTEGRATED CIRCUIT
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD77115 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button UPD77115 Datasheet HTML 9Page - Renesas Technology Corp UPD77115 Datasheet HTML 10Page - Renesas Technology Corp UPD77115 Datasheet HTML 11Page - Renesas Technology Corp UPD77115 Datasheet HTML 12Page - Renesas Technology Corp UPD77115 Datasheet HTML 13Page - Renesas Technology Corp UPD77115 Datasheet HTML 14Page - Renesas Technology Corp UPD77115 Datasheet HTML 15Page - Renesas Technology Corp UPD77115 Datasheet HTML 16Page - Renesas Technology Corp UPD77115 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 58 page
background image
Data Sheet U14867EJ5V0DS
11
µPD77115, 77115A
• Serial interface
Pin No.
Pin Name
80-pin FBGA
80-pin TQFP
I/O
Function
Shared by:
SCK/BCLK
C2
4
I/O
Serial clock input/output
SCK : Standard serial interface(input)
BCLK : Audio serial interface(I/O)
−
SOEN/LRCLK
D1
6
I/O
Serial output enable / Left Right clock
input/output
SOEN : Standard serial interface(input)
LRCLK : Audio serial interface(I/O)
−
SO
D3
5
Output
(3S)
Serial data output
−
SIEN/MCLK
C1
3
Input
Serial input enable / Master clock input
SIEN : Standard serial interface
MCLK : Audio serial interface (Master clock input
when master mode)
−
SI
B2
1
Input
Serial data input
−
Remark The pins marked “3S” under the heading “I/O” go into a high-impedance state on completion of data
transfer and input of the hardware reset (RESET) signal.
• SD card interface
Pin No.
Pin Name
80-pin FBGA
80-pin TQFP
I/O
Function
Shared by:
SDCLK
D5
74
Output
SD card clock output
−
SDCR
B3
77
I/O
(3S)
SD card command/response
Input : Response
Output : Command
•Leave pulled up.
−
SDDAT
C3
79
I/O
(3S)
SD card data input/output
Input : Read data
Output : Write data
•Leave pulled up.
−
Remark The pins marked “3S” under the heading “I/O” go into a high-impedance state when the SD card
interface is not being accessed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com